Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCR169DRLRM Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCR169DRLRM
Description  General Purpose Sensitive Gate Silicon Controlled Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCR169DRLRM Datasheet(HTML) 4 Page - ON Semiconductor

  NCR169DRLRM Datasheet HTML 1Page - ON Semiconductor NCR169DRLRM Datasheet HTML 2Page - ON Semiconductor NCR169DRLRM Datasheet HTML 3Page - ON Semiconductor NCR169DRLRM Datasheet HTML 4Page - ON Semiconductor NCR169DRLRM Datasheet HTML 5Page - ON Semiconductor NCR169DRLRM Datasheet HTML 6Page - ON Semiconductor NCR169DRLRM Datasheet HTML 7Page - ON Semiconductor NCR169DRLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCR169D
http://onsemi.com
4
DC
Figure 3. Typical Holding Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
Figure 4. Typical Latching Current versus
Junction Temperature
10
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMPS)
120
110
100
90
80
70
60
50
0.5
0.4
0.3
0.2
0.1
0
Figure 6. Typical On−State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
3.5
3.2
2.3
2.0
1.7
1.4
1.1
0.8
0.5
1
0.1
40
10
95
80
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
10
95
80
30
°
60
°
90
°
120
°
180
°
2.9
2.6
MAXIMUM @ TJ = 110°C
MAXIMUM @ TJ = 25°C


Similar Part No. - NCR169DRLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCR169DRLRM ONSEMI-NCR169DRLRM Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
logo
Kersemi Electronic Co.,...
NCR169DRLRM KERSEMI-NCR169DRLRM Datasheet
419Kb / 7P
   Silicon Controlled Rectifier
More results

Similar Description - NCR169DRLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCR169D ONSEMI-NCR169D Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
logo
SemiHow Co.,Ltd.
HSC106DM SEMIHOW-HSC106DM Datasheet
246Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
OT391 SUNTAC-OT391 Datasheet
88Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
   Sensitive Gate Silicon controlled Rectifier
logo
SHANTOU HUASHAN ELECTRO...
HC106D HUASHAN-HC106D Datasheet
184Kb / 3P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
X0205MN SUNTAC-X0205MN Datasheet
82Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
CR03AM SUNTAC-CR03AM Datasheet
128Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
X0105DN SUNTAC-X0105DN Datasheet
148Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
HSC106D SEMIHOW-HSC106D Datasheet
216Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
MCR100-8 SUNTAC-MCR100-8 Datasheet
135Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com