Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2002SN1T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCS2002SN1T1G
Description  Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002SN1T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCS2002SN1T1G Datasheet HTML 5Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 6Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 7Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 8Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 9Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 10Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 11Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 12Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
9
0
±0.5
VS, Supply Voltage (V)
±1.0
±1.5
±2.0
±2.5
0
VS, Supply Voltage (V)
±2.0
±2.5
±1.5
±1.0
±3.0
±0.5
−2.0
1.0
−3.0
−1.0
2.0
3.0
D VIO = 5.0 mV
RL = ∞
CL = 0
AV = 1.0
TA = 25°C
40
60
0
20
80
100
Figure 26. Open Loop Voltage Gain versus
Supply Voltage
RL = 10 k
TA = 25°C
Figure 27. Input Offset Voltage versus Common
Mode Input Voltage Range, VS = +2.5 V
Figure 28. Input Offset Voltage versus Common
Mode Input Voltage Range, VS = +0.9 V
Figure 29. Common−Mode Input Voltage Range
versus Power Supply Voltage
10
0
15
−5
5
−20
20
VCM, Common Voltage Range (V)
−3.0
1.0
2.0
0
−1.0
3.0
−2.0
−10
VS = ±2.5 V
RL = ∞
CL = 0
AV = 1.0
TA = 25°C
0
−1.0
−0.2
−0.4
−0.6
−15
5
−20
−10
10
20
−0.8
15
−5
0
0.2
0.4
0.6 0.8 1.0
VCM, Common Mode Input Voltage (V)
−15
0
VS = ±0.9 V
RL = ∞
CL = 0
AV = 1.0
TA = 25°C
±3.0
±3.5
2.0
VS, Supply Voltage (V)
±2.0
±2.5
±1.5
±1.0
±3.5
±0.5
0.5
3.0
0
1.0
3.5
4.0
Figure 30. Supply Current versus
Supply Voltage (Disabled)
Figure 31. Enable Input Voltage versus
Supply Voltage
0
0
±0.5
2.0
3.0
2.5
VS, Supply Voltage (V)
0
RL = ∞
AV = 1.0
TA = 25°C
0.5
1.0
1.5
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±3.0
1.5
2.5
AV = ∞
TA = 25°C
VEN(on)
VEN(off)


Similar Part No. - NCS2002SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002SN1T1G ONSEMI-NCS2002SN1T1G Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
More results

Similar Description - NCS2002SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS2002 ONSEMI-NCS2002 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS2002 ONSEMI-NCS2002_13 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com