Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2510SNT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS2510SNT1G
Description  1.4 GHz Current Feedback Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2510SNT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS2510SNT1G Datasheet HTML 1Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 2Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 3Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 4Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 5Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 6Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 7Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 8Page - ON Semiconductor NCS2510SNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCS2510
http://onsemi.com
3
ATTRIBUTES
Characteristics
Value
ESD
Human Body Model
Machine Model
Charged Device Model
2.0 kV (Note 1)
200 V
1.0 kV
Moisture Sensitivity (Note 2)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
1. 0.8 kV between the input pairs +IN and −IN pins only. All other pins are 2.0 kV.
2. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VS
11
Vdc
Input Voltage Range
VI
vVS
Vdc
Input Differential Voltage Range
VID
vVS
Vdc
Output Current
IO
120
mA
Maximum Junction Temperature (Note 3)
TJ
150
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−60 to +150
°C
Power Dissipation
PD
(See Graph)
mW
Thermal Resistance, Junction−to−Air
RqJA
121
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated is
limited by the associated rise in junction temperature. For
the
plastic
packages,
the
maximum
safe
junction
temperature is 150
°C. If the maximum is exceeded
momentarily, proper circuit operation will be restored as
soon as the die temperature is reduced. Leaving the device
in the “overheated’’ condition for an extended period can
result in device damage. To ensure proper operation, it is
important to observe the derating curves.
Figure 3. Power Dissipation vs. Temperature
1400
1000
800
600
400
0
−50
25
100
150
Ambient Temperature (C)
1200
200
−25
0
75
125
50
1800
1600


Similar Part No. - NCS2510SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2510SNT2 ONSEMI-NCS2510SNT2 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2510SNT2G ONSEMI-NCS2510SNT2G Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results

Similar Description - NCS2510SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com