Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2530 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2530
Description  Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2530 Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2530 Datasheet HTML 1Page - ON Semiconductor NCS2530 Datasheet HTML 2Page - ON Semiconductor NCS2530 Datasheet HTML 3Page - ON Semiconductor NCS2530 Datasheet HTML 4Page - ON Semiconductor NCS2530 Datasheet HTML 5Page - ON Semiconductor NCS2530 Datasheet HTML 6Page - ON Semiconductor NCS2530 Datasheet HTML 7Page - ON Semiconductor NCS2530 Datasheet HTML 8Page - ON Semiconductor NCS2530 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCS2530, NCS2530A
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
SOIC−14
(NCS2530A Only)
TSSOP−16
(NCS2530 Only)
Symbol
Function
Equivalent Circuit
7, 8, 14
10, 12, 15
OUTx
Output
VCC
OUT
VEE
ESD
11
3, 6
VEE
Negative Power
Supply
5, 10, 12
2, 5, 7
+INx
Non−inverted Input
VCC
−IN
VEE
+IN
ESD
ESD
6, 9, 13
1, 4, 8
−INx
Inverted Input
See Above
4
11, 14
VCC
Positive Power
Supply
N/A
9, 13, 16
EN
Enable
VCC
EN
VEE
ESD
ENABLE PIN TRUTH TABLE (NCS2530 Only)
High*
Low
Enable
Enabled
Disabled
*Default open state
Figure 2. Simplified Device Schematic
+IN
CC
OUT
VCC
VEE
−IN


Similar Part No. - NCS2530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2530 ONSEMI-NCS2530 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
NCS2530DTB ONSEMI-NCS2530DTB Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2530DTBR2 ONSEMI-NCS2530DTBR2 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
More results

Similar Description - NCS2530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com