Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2200SN2T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2200SN2T1G
Description  Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SN2T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2200SN2T1G Datasheet HTML 1Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 2Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 3Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 4Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 5Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 6Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 7Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 8Page - ON Semiconductor NCS2200SN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25°C, unless otherwise noted.) (Note 4)
NCS2200 Series
Characteristics
Symbol
Min
Typ
Max
Unit
Input Hysteresis TA = 25°C
VHYS
2.0
8.0
20
mV
Input Offset Voltage
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
VIO
−10
−12
−6.0
−8.0
−5.0
−7.0
0.5
0.5
0.5
+10
+12
+6.0
+8.0
+5.0
+7.0
mV
Common Mode Voltage Range
VCM
VEE to VCC
V
Output Leakage Current (NCS2202/NCS2203) VCC = 6.0 V
ILEAK
3.3
nA
Output Short−Circuit Sourcing or Sinking (Vout = GND)
ISC
70
mA
Common Mode Rejection Ratio VCM = VCC
CMRR
53
65
dB
Input Bias Current
IIB
1.0
pA
Power Supply Rejection Ratio
DVS = 2.575 V
PSRR
45
55
dB
Supply Current
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
ICC
10
10
10
15
17
15
17
15
17
mA
Output Voltage High (NCS2200/NCS2201)
VCC = 0.85 V, Isource = 0.5 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V, Isource = 3.0 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V, Isource = 5.0 mA
TA = 25°C
TA = −40°C to 105°C
VOH
VCC − 0.2
VCC − 0.225
VCC − 0.2
VCC − 0.25
VCC − 0.2
VCC − 0.25
VCC − 0.10
VCC − 0.12
VCC − 0.12
V
Output Voltage Low
VCC = 0.85 V, Isink = 0.5 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V, Isink = 3.0 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V, Isink = 5.0 mA
TA = 25°C
TA = −40°C to 105°C
VOL
VEE + 0.10
VEE + 0.12
VEE + 0.12
VEE + 0.2
VEE + 0.225
VEE + 0.2
VEE + 0.25
VEE + 0.2
VEE + 0.25
V
Propagation Delay 20 mV Overdrive, CL = 15 pF
tPHL
tPLH
0.7
1.1
ms
Output Fall Time VCC = 6.0 V, CL = 50 pF
tFALL
20
ns
Output Rise Time VCC = 6.0 V, CL = 50 pF
tRISE
16
ns
Powerup Time
tPU
35
ms
4. The limits over the extended temperature range are guaranteed by design only.


Similar Part No. - NCS2200SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200SN2T1G ONSEMI-NCS2200SN2T1G Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200SN2T1G ONSEMI-NCS2200SN2T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200SN2T1G ONSEMI-NCS2200SN2T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200SN2T1G ONSEMI-NCS2200SN2T1G Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCS2200SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com