Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2202SN1T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS2202SN1T1
Description  Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2202SN1T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS2202SN1T1 Datasheet HTML 6Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 7Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 8Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 9Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 10Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 11Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 12Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 13Page - ON Semiconductor NCS2202SN1T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
10
OPERATING DESCRIPTION
The NCS2200 Series is an industry first sub−one volt, low
power comparator family. This series is designed for
rail−to−rail input and output performance. These devices
consume only 10
mA of supply current while achieving a
typical propagation delay of 1.1
ms at a 20 mV input
overdrive. Figures 10 and 11 show propagation delay with
various input overdrives. This comparator family is
guaranteed to operate at a low voltage of 0.85 V up to 6.0 V.
This is accomplished by the use of a modified analog CMOS
process that implements depletion MOSFET devices. The
common−mode input voltage range extends 0.1 V beyond
the upper and lower rail without phase inversion or other
adverse effects. This series is available in the SOT−23−5 and
SOT−23−6 package. Additionally, the NCS2200 device is
available in the tiny DFN 2x2.2 package and the
SC70−5 package. NCS2200A is available in UDFN
package.
The SOT−23−6 features the enable function, which can be
externally controlled. This feature allows significantly
lower current consumption of 0.3
mA. This makes the
devices suitable for implementation in power sensitive
applications such as portable electronics. The enable
function is active high when connected to the VCC pin.
When the enable pin is driven low (device disabled), output
tri−state mode is activated. The device will remain in this
mode and will not respond to any changes at the inputs of the
comparator. In order to pull the device out of tri−state mode,
the enable upper voltage threshold must be met. Figure 15
shows the enable input voltage required to either enable or
disable the device, with a variance in supply voltage. In
addition, these devices have a typical internal hysteresis of
"8.0 mV. This allows for greater noise immunity and clean
output switching.
Output Stage
The NCS2200/1 has a complementary P and N Channel
output stage that has capability of driving a rail−to−rail
output swing with a load ranging up to 5.0 mA. It is designed
such that shoot−through current is minimized while
switching. This feature eliminates the need for bypass
capacitors under most circumstances.
The NCS2202/3 has an open drain N−channel output
stage that can be pulled up to 6.0 V (max) with an external
resistor. This facilitates mixed voltage system applications.
Figure 17. NCS2200/1SNxT1/NCS2200A
Complementary Output Configuration
Figure 18. NCS2202/3SNxT1 Open Drain
Output Configuration
VCC
VEE
Output
IN (+)
IN (−)
VCC
VEE
Output
IN (+)
IN (−)


Similar Part No. - NCS2202SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2202SN1T1 ONSEMI-NCS2202SN1T1 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2202SN1T1 ONSEMI-NCS2202SN1T1 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2202SN1T1G ONSEMI-NCS2202SN1T1G Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2202SN1T1G ONSEMI-NCS2202SN1T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202SN1T1G ONSEMI-NCS2202SN1T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
More results

Similar Description - NCS2202SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com