Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5230DG Datasheet(PDF) 1 Page - ON Semiconductor

Part # SA5230DG
Description  Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230DG Datasheet(HTML) 1 Page - ON Semiconductor

  SA5230DG Datasheet HTML 1Page - ON Semiconductor SA5230DG Datasheet HTML 2Page - ON Semiconductor SA5230DG Datasheet HTML 3Page - ON Semiconductor SA5230DG Datasheet HTML 4Page - ON Semiconductor SA5230DG Datasheet HTML 5Page - ON Semiconductor SA5230DG Datasheet HTML 6Page - ON Semiconductor SA5230DG Datasheet HTML 7Page - ON Semiconductor SA5230DG Datasheet HTML 8Page - ON Semiconductor SA5230DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 4
1
Publication Order Number:
NE5230/D
NE5230, SA5230, SE5230
Low Voltage Operational
Amplifier
The NE5230 is a very low voltage operational amplifier that can
perform with a voltage supply as low as 1.8 V or as high as 15 V.
In addition, split or single supplies can be used, and the output will
swing to ground when applying the latter. There is a bias adjusting pin
which controls the supply current required by the device and thereby
controls its power consumption. If the part is operated at
±0.9 V
supply voltages, the current required is only 110
mA when the current
control pin is left open. Even with this low power consumption, the
device obtains a typical unity gain bandwidth of 250 kHz. When the
bias adjusting pin is connected to the negative supply, the unity gain
bandwidth is typically 600 kHz while the supply current is increased
to 600
mA. In this mode, the part will supply full power output beyond
the audio range.
The NE5230 also has a unique input stage that allows the
common−mode input range to go above the positive and below the
negative supply voltages by 250 mV. This provides for the largest
possible input voltages for low voltage applications. The part is also
internally−compensated to reduce external component count.
The NE5230 has a low input bias current of typically
±40 nA, and a
large open−loop gain of 125 dB. These two specifications are
beneficial when using the device in transducer applications. The large
open−loop gain gives very accurate signal processing because of the
large “excess” loop gain in a closed−loop system.
The output stage is a class AB type that can swing to within 100 mV
of the supply voltages for the largest dynamic range that is needed in
many applications. The NE5230 is ideal for portable audio equipment
and remote transducers because of its low power consumption, unity
gain bandwidth, and 30 nV/
√Hz noise specification.
Features
Works Down to 1.8 V Supply Voltages
Adjustable Supply Current
Low Noise
Common−mode Includes Both Rails
VOUT Within 100 mV of Both Rails
Pb−Free Packages are Available
Applications
Portable Precision Instruments
Remote Transducer Amplifier
Portable Audio Equipment
Rail−to−Rail Comparators
Half−wave Rectification without Diodes
Remote Temperature Transducer with 4.0 to 20 mA Output
Transmission
http://onsemi.com
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
(Top View)
PDIP−8
N SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
1
2
3
45
6
7
8
NC
−IN
+IN
OUTPUT
BIAS ADJ.
VEE
VCC
NC
+
N, D Packages
1
8
1
8
See general marking information in the device marking
section on page 16 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - SA5230DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5230DG ONSEMI-SA5230DG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - SA5230DG

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com