Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # SA5534AN
Description  Single Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5534AN Datasheet(HTML) 4 Page - ON Semiconductor

  SA5534AN Datasheet HTML 1Page - ON Semiconductor SA5534AN Datasheet HTML 2Page - ON Semiconductor SA5534AN Datasheet HTML 3Page - ON Semiconductor SA5534AN Datasheet HTML 4Page - ON Semiconductor SA5534AN Datasheet HTML 5Page - ON Semiconductor SA5534AN Datasheet HTML 6Page - ON Semiconductor SA5534AN Datasheet HTML 7Page - ON Semiconductor SA5534AN Datasheet HTML 8Page - ON Semiconductor SA5534AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SA5534/5534A
SE5534/5534A
Unit
Min
Typ
Max
Min
Typ
Max
Output Resistance
ROUT
AV = 30 dB
closed-loop
f = 10 kHz;
RL = 600 W;
CC = 22 pF
0.3
0.3
W
Transient Response
Voltage-follower,
VIN = 50 mV
RL = 600 W,
CC = 22 pF,
CL = 100 pF
Rise Time
tR
20
20
ns
Overshoot
20
20
%
Transient Response
VIN = 50 mV,
RL = 600 W,
CC = 47 pF,
CL = 500 pF
Rise Time
tR
50
50
ns
Overshoot
35
35
%
Gain
AV
f = 10 kHz, CC = 0
6.0
6.0
V/mV
f = 10 kHz,
CC = 22 pF
2.2
2.2
Gain Bandwidth Product
GBW
CC = 22 pF,
CL = 100 pF
10
10
MHz
Slew Rate
SR
CC = 0
13
13
V/ms
CC = 22 pF
6.0
6.0
Power Bandwidth
VOUT = "10 V,
CC = 0 pF
200
200
kHz
VOUT = "10 V,
CC = 22 pF
95
95
VOUT = "14 V,
RL = 600 W,
CC = 22 pF,
VCC = "18 V
70
70
ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = 15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SA/SE5534
NE/SA/SE5534A
Unit
Min
Typ
Max
Min
Typ
Max
Input Noise Voltage
VNOISE
fO = 30 Hz
fO = 1.0 kHz
7.0
4.0
5.5
3.5
7.0
4.5
nV/√Hz
Input Noise Current
INOISE
fO = 30 Hz
fO = 1.0 kHz
2.5
0.6
1.5
0.4
pA/√Hz
Broadband Noise Figure
f = 10 Hz to
20 kHz;
RS = 5.0 kW
0.9
dB
Channel Separation
f = 1.0 kHz;
RS = 5.0 kW
110
110
dB


Similar Part No. - SA5534AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5534AN PHILIPS-SA5534AN Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
ON Semiconductor
SA5534AN ONSEMI-SA5534AN Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
SA5534ANG ONSEMI-SA5534ANG Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
More results

Similar Description - SA5534AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
   Single Low-Noise Operational Amplifier
logo
ON Semiconductor
NE5534 ONSEMI-NE5534_12 Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
TSH10 STMICROELECTRONICS-TSH10 Datasheet
76Kb / 5P
   140MHz BANDWIDTH LOW NOISE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com