Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534NG Datasheet(PDF) 5 Page - ON Semiconductor

Part # SA5534NG
Description  Single Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5534NG Datasheet(HTML) 5 Page - ON Semiconductor

  SA5534NG Datasheet HTML 1Page - ON Semiconductor SA5534NG Datasheet HTML 2Page - ON Semiconductor SA5534NG Datasheet HTML 3Page - ON Semiconductor SA5534NG Datasheet HTML 4Page - ON Semiconductor SA5534NG Datasheet HTML 5Page - ON Semiconductor SA5534NG Datasheet HTML 6Page - ON Semiconductor SA5534NG Datasheet HTML 7Page - ON Semiconductor SA5534NG Datasheet HTML 8Page - ON Semiconductor SA5534NG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
(nV Hz)
10
102
103
104
105
106
107
120
80
40
0
-40
f (Hz)
16
12
8
4
0
040
80
102
103
104
105
106
107
40
30
20
10
0
80
60
40
20
0
-55
-25
0
25
50
75
100
+125
-55
-25
0
25
50
75
100 +125
1,4
1,2
0,8
0,4
0
30
20
10
0
010
20
010
20
0
2
4
6
102
10
1
10−1
10−2
10
102
103
104
CC(pF)
f (Hz)
f (Hz)
Tamb (oC)
Tamb (oC)
TYP
TYP
TYP
TYP
TYP
NEG
POS
CC =
0pF
22pF
47pF
CC = 0
CC = 22pF
S
(V/ms)
(V)
Vo(p-p)
IO
(mA)
II
(mA)
VIN (V)
IP
IN
(mA)
Vp; -VN (V)
Vp; -VN (V)
Figure 2. Open-Loop
Frequency Response
Figure 3. Slew Rate as a
Function of Compensation
Capacitance
60
40
20
0
-20
103
104
105
106
107
108
f (Hz)
CC = 0; RF = 10kW; RE = 100W
CC = 0; RF = 9kW; RE = 1kW
CC = 22pF; RF = 1kW; RE = ∞
Figure 4. Closed−Loop
Frequency Response
Figure 5. Large−Signal
Frequency Response
Figure 6. Output
Short−Circuit Current
Figure 7. Input Bias
Current
Figure 8. Input Common−Mode
Voltage Range
Figure 9. Supply Current
Per Op Amp
Figure 10. Input Noise
Voltage Density
TYPICAL VALUES
5
8
CC
VS = +15V
TYPICAL VALUES
VS = +15V
TYPICAL VALUES
VS = +15V
VS = +15V
TYPICAL VALUES
IO = 0


Similar Part No. - SA5534NG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5534NG ONSEMI-SA5534NG Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
More results

Similar Description - SA5534NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
   Single Low-Noise Operational Amplifier
logo
ON Semiconductor
NE5534 ONSEMI-NE5534_12 Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
TSH10 STMICROELECTRONICS-TSH10 Datasheet
76Kb / 5P
   140MHz BANDWIDTH LOW NOISE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com