Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C5121 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C5121
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5121 Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C5121 Datasheet HTML 1Page - ATMEL Corporation T89C5121 Datasheet HTML 2Page - ATMEL Corporation T89C5121 Datasheet HTML 3Page - ATMEL Corporation T89C5121 Datasheet HTML 4Page - ATMEL Corporation T89C5121 Datasheet HTML 5Page - ATMEL Corporation T89C5121 Datasheet HTML 6Page - ATMEL Corporation T89C5121 Datasheet HTML 7Page - ATMEL Corporation T89C5121 Datasheet HTML 8Page - ATMEL Corporation T89C5121 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
Rev. 4164G–SCR–07/06
Features
80C51 Core
– 12 or 6 Clocks per Instruction (X1 and X2 Modes)
– 256 Bytes Scratchpad RAM
– Dual Data Pointer
– Two 16-bit Timer/Counters: T0 and T1
T83C5121 with 16 Kbytes Mask ROM
T85C5121 with 16 Kbytes Code RAM
T89C5121 with 16 Kbytes Code RAM and 16 Kbytes EEPROM
On-chip Expanded RAM (XRAM): 256 Bytes
Versatile Host Serial Interface
– Full-duplex Enhanced UART (EUART) with Dedicated Baud Rate Generator (BRG):
Most Standard Speeds up to 230K bits/s at 7.36 MHz
– Output Enable Input
– Multiple Logic Level Shifters Options (1.8V to VCC)
– Automatic Level Shifter Option
Multi-protocol Smart Card Interface
– Certified with Dedicated Firmware According to ISO 7816, EMV2000, GIE-CB, GSM
11.12V and WHQL Standards
– Asynchronous Protocols T = 0 and T = 1 with Direct and Inverse Modes
– Baud Rate Generator Supporting All ISO7816 Speeds up to D = 32/F = 372
– Parity Error Detection and Indication
– Automatic Character Repetition on Parity Errors
– Programmable Timeout Detection
– Card Clock Stop High or Low for Card Power-down Mode
– Support Synchronous Card with C4 and C8 Programmable Outputs
– Card Detection and Automatic De-activation Sequence
– Step-up/down Converter with Programmable Voltage Output: 5V, 3V (± 8% at
60 mA) and 1.8V (±8% at 20 mA)
– Direct Connection to Smart Card Terminals:
Short Circuit Current Limitation
Logic Level Shifters
4 kV ESD Protection (MIL/STD 833 Class 3)
Alternate Card Support with CLK, I/O and RST According to GSM 11.12V Standard
2x I/O Ports: 6 I/O Port1 and 8 I/O Port3
2x LED Outputs with Programmable Current Sources: 2, 4, or 10 mA
Hardware Watchdog
Reset Output Includes
– Hardware Watchdog Reset
– Power-on Reset (POR)
– Power-fail Detector (PFD)
4-level Priority Interrupt System with 7 Sources
7.36 to 16 MHz On-chip Oscillator with Clock Prescaler
Absolute CPU Maximal Frequency: 16 MHz in X1 mode, 8MHz in X2 mode
Idle and Power-down Modes
Voltage Operation: 2.85V to 5.4V
Low Power Consumption
– 8 mA Operating Current (at 5.4V and 3.68 MHz)
– 150 mA Maximum Current with Smart Card Power-on (at 16 MHz X1 Mode)
–30
μA Maximum Power-down Current at 3.0V (without Smart Card)
–100
μA Maximum Power-down Current at 5.4V (without Smart Card)
Temperature Range
– Commercial: 0 to +70
°C Operating Temperature
– Industrial: -40 to +85
°C Operating Temperature
Packages
– SSOP24
–QFN32
– PLCC52
8-bit
Microcontroller
with Multi-
protocol Smart
Card Interface
T83C5121
T85C5121
T89C5121
AT83C5121
AT85C5121
AT89C5121


Similar Part No. - T89C5121

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T89C5121 ATMEL-T89C5121 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T89C5121-ICRIL ATMEL-T89C5121-ICRIL Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T89C5121-ICRIL ATMEL-T89C5121-ICRIL Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T89C5121-ICSIL ATMEL-T89C5121-ICSIL Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
More results

Similar Description - T89C5121

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com