Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJT4030PT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NJT4030PT1G
Description  Bipolar Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJT4030PT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NJT4030PT1G Datasheet HTML 1Page - ON Semiconductor NJT4030PT1G Datasheet HTML 2Page - ON Semiconductor NJT4030PT1G Datasheet HTML 3Page - ON Semiconductor NJT4030PT1G Datasheet HTML 4Page - ON Semiconductor NJT4030PT1G Datasheet HTML 5Page - ON Semiconductor NJT4030PT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJT4030P
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 10 mAdc, IB = 0 Adc)
VCEO(sus)
40
Vdc
Emitter−Base Voltage
(IE = 50 mAdc, IC = 0 Adc)
VEBO
6.0
Vdc
Collector Cutoff Current
(VCB = 40 Vdc)
ICBO
100
nAdc
Emitter Cutoff Current
(VBE = 6.0 Vdc)
IEBO
100
nAdc
ON CHARACTERISTICS (Note 1)
Collector−Emitter Saturation Voltage
(IC = 0.5 Adc, IB = 5.0 mAdc)
(IC = 1.0 Adc, IB = 10 mAdc)
(IC = 3.0 Adc, IB = 0.3 Adc)
VCE(sat)
0.150
0.200
0.500
Vdc
Base−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.1 Adc)
VBE(sat)
1.0
Vdc
Base−Emitter On Voltage
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
DC Current Gain
(IC = 0.5 Adc, VCE = 1.0 Vdc)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
(IC = 3.0 Adc, VCE = 1.0 Vdc)
hFE
220
200
100
400
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, f = 1.0 MHz)
Cob
40
pF
Input Capacitance
(VEB = 5.0 Vdc, f = 1.0 MHz)
Cib
130
pF
Current−Gain − Bandwidth Product (Note 2)
(IC = 500 mA, VCE = 10 V, Ftest = 1.0 MHz)
fT
160
MHz
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
2. fT = |hFE| • ftest
Figure 1. Power Derating
TJ, TEMPERATURE (°C)
150
100
75
50
25
0
0.5
1.0
1.5
2.0
2.5
TC
125
TA


Similar Part No. - NJT4030PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJT4030PT1G ONSEMI-NJT4030PT1G Datasheet
70Kb / 6P
   Bipolar Power Transistors PNP Silicon
December, 2006 ??Rev. P2
NJT4030PT1G ONSEMI-NJT4030PT1G Datasheet
279Kb / 7P
   Bipolar Power Transistors
September, 2010 -- Rev. 1
NJT4030PT1G ONSEMI-NJT4030PT1G Datasheet
112Kb / 5P
   Bipolar Power Transistors
November, 2013 ??Rev. 5
More results

Similar Description - NJT4030PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMJT350T1G ONSEMI-MMJT350T1G_13 Datasheet
114Kb / 4P
   Bipolar Power Transistors
August, 2013 ??Rev. 7
NJT4031N ONSEMI-NJT4031N_13 Datasheet
112Kb / 5P
   Bipolar Power Transistors
August, 2013 ??Rev. 4
NSS40300MZ4 ONSEMI-NSS40300MZ4_10 Datasheet
114Kb / 7P
   Bipolar Power Transistors
September, 2010 ??Rev. 1
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
108Kb / 4P
   Bipolar Power Transistors
September, 2010 ??Rev. 5
NJT4030P ONSEMI-NJT4030P_10 Datasheet
279Kb / 7P
   Bipolar Power Transistors
September, 2010 -- Rev. 1
logo
List of Unclassifed Man...
2SC2818 ETC1-2SC2818 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Motorola, Inc
MMJT9410 MOTOROLA-MMJT9410 Datasheet
95Kb / 4P
   Bipolar Power Transistors
MMJT9435 MOTOROLA-MMJT9435 Datasheet
94Kb / 4P
   Bipolar Power Transistors
logo
ON Semiconductor
MMJT350T1 ONSEMI-MMJT350T1 Datasheet
57Kb / 4P
   Bipolar Power Transistors
October, 2003 ??Rev. 1
NJT4031N ONSEMI-NJT4031N_10 Datasheet
110Kb / 6P
   Bipolar Power Transistors
September, 2010 ??Rev. 1
NJT4030P ONSEMI-NJT4030P_13 Datasheet
112Kb / 5P
   Bipolar Power Transistors
November, 2013 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com