Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-SLFCL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T89C51RD2-SLFCL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-SLFCL Datasheet(HTML) 2 Page - ATMEL Corporation

  T89C51RD2-SLFCL Datasheet HTML 1Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 2Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 3Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 4Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-SLFCL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
2
T89C51RD2
4243G–8051–05/03
Description
T89C51RD2 is high performance CMOS Flash version of the 80C51 CMOS single chip
8-bit microcontroller. It contains a 64 Kbytes Flash memory block for program and for
data.
The 64 Kbytes Flash memory can be programmed either in parallel mode or in serial
mode with the ISP capability or with software. The programming voltage is internally
generated from the standard V
CC pin.
The T89C51RD2 retains all features of the ATMEL 80C52 with 256 bytes of internal
RAM, a 7-source 4-level interrupt controller and three timer/counters.
In addition, the T89C51RD2 has a Programmable Counter Array, an XRAM of 1024
bytes, an EEPROM of 2048 bytes, a Hardware Watchdog Timer, a more versatile serial
channel that facilitates multiprocessor communication (EUART) and a speed improve-
ment mechanism (X2 mode). Pinout is either the standard 40/44 pins of the C52 or an
extended version with 6 ports in a 64/68 pins package.
The fully static design of the T89C51RD2 allows to reduce system power consumption
by bringing the clock frequency down to any value, even DC, without loss of data.
The T89C51RD2 has 2 software-selectable modes of reduced activity for further reduc-
tion in power consumption. In the idle mode the CPU is frozen while the peripherals and
the interrupt system are still operating. In the power-down mode the RAM is saved and
all other functions are inoperative.
The added features of the T89C51RD2 makes it more powerful for applications that
need pulse width modulation, high speed I/O and counting capabilities such as alarms,
motor control, corded phones, smart card readers.
Table 1. Memory Size
PDIL40
PLCC44
VQFP44 1.4
Flash (bytes)
EEPROM
(bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
T89C51RD2
64K
2K
1024
1280
32
PLCC68
VQFP64 1.4
Flash (bytes)
EEPROM
(bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
T89C51RD2
64K
2K
1024
1280
48


Similar Part No. - T89C51RD2-SLFCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-SLFC-L ATMEL-T89C51RD2-SLFC-L Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
T89C51RD2-SLFC-M ATMEL-T89C51RD2-SLFC-M Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-SLFCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2 Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com