Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-SLSIL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51RD2-SLSIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-SLSIL Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51RD2-SLSIL Datasheet HTML 1Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 2Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 3Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 4Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-SLSIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Rev. 4243G–8051–05/03
1
Features
80C52 Compatible
– 8051 Pin and Instruction Compatible
– Four 8-bit I/O Ports (or 6 in 64/68 Pins Packages)
– Three 16-bit Timer/Counters
– 256 bytes Scratch Pad RAM
– 7 Interrupt Sources With 4 Priority Levels
ISP (In-System Programming) Using Standard V
CC Power Supply
Boot Flash Contains Low Level Flash Programming Routines and a Default Serial
Loader
High-Speed Architecture
– 40 MHz in Standard Mode
– 20 MHz in X2 Mode (6 Clocks/Machine Cycle)
64K bytes On-chip Flash Program/Data Memory
– Byte and Page (128 bytes) Erase and Write
– 100K Write Cycles
On-chip 1024 Bytes Expanded RAM (XRAM)
– Software Selectable Size (0, 256, 512, 768, 1024 bytes)
– 768 Bytes Selected at Reset for T87C51RD2 Compatibility
Dual Data Pointer
Variable Length MOVX for Slow RAM/Peripherals
Improved X2 Mode with Independant Selection for CPU and Each Peripheral
2K bytes EEPROM Block for Data Storage
– 100K Write Cycle
Programmable Counter Array with
– High Speed Output
– Compare/Capture
– Pulse Width Modulator
Watchdog Timer Capabilities
Asynchronous Port Reset
Full-duplex Enhanced UART
Low EMI (Inhibit ALE)
– Hardware Watchdog Timer (One-time Enabled with Reset-out)
Power Control Modes:
– Idle Mode
– Power-down Mode
Power Supply:
– M version: Commercial and Industrial
4.5V to 5.5V: 40 MHz (X1 Mode), 20 MHz (X2 Mode)
3V to 5.5V: 33 MHz (X1 Mode), 16 MHz (X2 Mode)
– L version: Commercial and industrial
2.7V to 3.6V: 25 MHz (X1 Mode), 12 MHz (X2 Mode)
Temperature Ranges: Commercial (0 to +70
°C) and Industrial (-40 to +85°C)
Packages: PDIL40, PLCC44, VQFP44, PLCC68, VQFP64
0 to 40 MHz
Flash
Programmable
8-bit
Microcontroller
T89C51RD2


Similar Part No. - T89C51RD2-SLSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-SLSI-L ATMEL-T89C51RD2-SLSI-L Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
T89C51RD2-SLSI-M ATMEL-T89C51RD2-SLSI-M Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-SLSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2 Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com