Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS324 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS324
Description  Dual SPST Analog Switch, Low Voltage, Single Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS324 Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS324_06 Datasheet HTML 1Page - ON Semiconductor NLAS324_06 Datasheet HTML 2Page - ON Semiconductor NLAS324_06 Datasheet HTML 3Page - ON Semiconductor NLAS324_06 Datasheet HTML 4Page - ON Semiconductor NLAS324_06 Datasheet HTML 5Page - ON Semiconductor NLAS324_06 Datasheet HTML 6Page - ON Semiconductor NLAS324_06 Datasheet HTML 7Page - ON Semiconductor NLAS324_06 Datasheet HTML 8Page - ON Semiconductor NLAS324_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLAS324
http://onsemi.com
5
10%
10%
50%
50%
0 V
Input
Output
VOH
VCC
VOL
35 pF
COM
Input
NO
DUT
Figure 5. tON/tOFF
VCC
tON
tOFF
300
W
VOUT
Transmitted
NO
COM
DUT
Reference
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
50
W
50
W Generator
Figure 6. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
VOUT
VIN
VOUT
VIN
On
Off
Off
COM
DUT
NO
DVOUT
VCC
GND
Output
VIN
CL
Figure 7. Charge Injection: (Q)
VIN


Similar Part No. - NLAS324_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS324US ONSEMI-NLAS324US Datasheet
111Kb / 12P
   Dual SPST Analog Switch, Low Voltage, Single Supply
January, 2003 - Rev. 3
NLAS324USG ONSEMI-NLAS324USG Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
NLAS324 ONSEMI-NLAS324_15 Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
More results

Similar Description - NLAS324_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
   Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
NLAS325 ONSEMI-NLAS325_06 Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
NLAS323 ONSEMI-NLAS323 Datasheet
85Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
February, 2004 ??Rev. 6
NLAS323 ONSEMI-NLAS323_15 Datasheet
96Kb / 9P
   Dual SPST Analog Switch, Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS325 ONSEMI-NLAS325_15 Datasheet
97Kb / 10P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS324 ONSEMI-NLAS324 Datasheet
111Kb / 12P
   Dual SPST Analog Switch, Low Voltage, Single Supply
January, 2003 - Rev. 3
NLAS324 ONSEMI-NLAS324_15 Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com