Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP140G Datasheet(PDF) 6 Page - ON Semiconductor

Part # TIP140G
Description  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP140G Datasheet(HTML) 6 Page - ON Semiconductor

  TIP140G Datasheet HTML 1Page - ON Semiconductor TIP140G Datasheet HTML 2Page - ON Semiconductor TIP140G Datasheet HTML 3Page - ON Semiconductor TIP140G Datasheet HTML 4Page - ON Semiconductor TIP140G Datasheet HTML 5Page - ON Semiconductor TIP140G Datasheet HTML 6Page - ON Semiconductor TIP140G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP)
http://onsemi.com
6
PNP
NPN
Figure 9. Magnitude of Common Emitter
Small−Signal Short−Circuit Forward
Current Transfer Ratio
f, FREQUENCY (MHz)
2.0
1.0
10
5.0
100
1.0
3.0
5.0
7.0
2.0
7.0
10
VCE = 10 V
IC = 1.0 A
TJ = 25°C
5.0
4.0
0
1.0
2.0
3.0
Figure 10. Free−Air Temperature Power Derating
TA, FREE−AIR TEMPERATURE (°C)
0
40
80
120
160
200
20
50
70
PNP
NPN


Similar Part No. - TIP140G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP140G ONSEMI-TIP140G Datasheet
144Kb / 8P
   Darlington Complementary Silicon Power Transistors
May, 2012 ??Rev. 6
More results

Similar Description - TIP140G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com