Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP112G Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP112G
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP112G Datasheet(HTML) 5 Page - ON Semiconductor

  TIP112G Datasheet HTML 1Page - ON Semiconductor TIP112G Datasheet HTML 2Page - ON Semiconductor TIP112G Datasheet HTML 3Page - ON Semiconductor TIP112G Datasheet HTML 4Page - ON Semiconductor TIP112G Datasheet HTML 5Page - ON Semiconductor TIP112G Datasheet HTML 6Page - ON Semiconductor TIP112G Datasheet HTML 7Page - ON Semiconductor TIP112G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
5
1.0
Figure 5. TIP115, 116, 117
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
4.0
2.0
1.0
0.1
10
60 80 100
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
TJ = 150°C
dc
1ms
40
TIP115
TIP116
TIP117
SECONDARY BREAKDOWN LIMITED
5ms
CURVES APPLY BELOW
RATED VCEO
1.0
Figure 6. TIP110, 111, 112
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
4.0
2.0
1.0
0.1
10
80 100
60
TIP110
TIP111
TIP112
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
TJ = 150°C
SECONDARY BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
dc
ACTIVE−REGION SAFE−OPERATING AREA
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 5 and 6 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
200
0.04
VR, REVERSE VOLTAGE (VOLTS)
10
0.4 0.6 1.0
2.0
40
4.0
0.06 0.1
0.2
70
30
TC = 25°C
Cib
50
Cob
PNP
NPN
Figure 7. Capacitance
100
20
6.0 10
20


Similar Part No. - TIP112G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP112G ONSEMI-TIP112G Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
logo
Unisonic Technologies
TIP112G-T60-K UTC-TIP112G-T60-K Datasheet
189Kb / 4P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
TIP112G-T60-K UTC-TIP112G-T60-K Datasheet
189Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
TIP112G-TA3-T UTC-TIP112G-TA3-T Datasheet
189Kb / 4P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
TIP112G-TA3-T UTC-TIP112G-TA3-T Datasheet
189Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - TIP112G

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com