Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP142G Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP142G
Description  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP142G Datasheet(HTML) 3 Page - ON Semiconductor

  TIP142G Datasheet HTML 1Page - ON Semiconductor TIP142G Datasheet HTML 2Page - ON Semiconductor TIP142G Datasheet HTML 3Page - ON Semiconductor TIP142G Datasheet HTML 4Page - ON Semiconductor TIP142G Datasheet HTML 5Page - ON Semiconductor TIP142G Datasheet HTML 6Page - ON Semiconductor TIP142G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mA, IB = 0)
TIP140, TIP145
TIP141, TIP146
TIP142, TIP147
VCEO(sus)
60
80
100
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP140, TIP145
(VCE = 40 Vdc, IB = 0)
TIP141, TIP146
(VCE = 50 Vdc, IB = 0)
TIP142, TIP147
ICEO
2.0
2.0
2.0
mA
Collector Cutoff Current
(VCB = 60 V, IE = 0)
TIP140, TIP145
(VCB = 80 V, IE = 0)
TIP141, TIP146
(VCB = 100 V, IE = 0)
TIP142, TIP147
ICBO
1.0
1.0
1.0
mA
Emitter Cutoff Current (VBE = 5.0 V)
IEBO
2 0
mA
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 5.0 A, VCE = 4.0 V)
(IC = 10 A, VCE = 4.0 V)
hFE
1000
500
Collector−Emitter Saturation Voltage
(IC = 5.0 A, IB = 10 mA)
(IC = 10 A, IB = 40 mA)
VCE(sat)
2.0
3.0
Vdc
Base−Emitter Saturation Voltage
(IC = 10 A, IB = 40 mA)
VBE(sat)
3.5
Vdc
Base−Emitter On Voltage
(IC = 10 A, VCE = 4.0 Vdc)
VBE(on)
3.0
Vdc
SWITCHING CHARACTERISTICS
Resistive Load (See Figure 1)
Delay Time
(VCC = 30 V, IC = 5.0 A,
IB = 20 mA, Duty Cycle v 2.0%,
IB1 = IB2, RC & RB Varied, TJ = 25_C)
td
0.15
ms
Rise Time
tr
0.55
ms
Storage Time
ts
2.5
ms
Fall Time
tf
2.5
ms
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
Figure 1. Switching Times Test Circuit
10
0.2
Figure 2. Switching Times
IC, COLLECTOR CURRENT (AMP)
5.0
2.0
0.5
0.1
0.5
1.0
3.0
5.0
10
20
0.2
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+12 V
V1
appox.
−8.0 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
0
RB
51
D1
+4.0 V
VCC
−30 V
RC
TUT
≈ 8.0 k
≈ 40
SCOPE
for td and tr, D1 is disconnected
and V2 = 0
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
For NPN test circuit reverse diode and voltage polarities.
1.0


Similar Part No. - TIP142G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP142G ONSEMI-TIP142G Datasheet
144Kb / 8P
   Darlington Complementary Silicon Power Transistors
May, 2012 ??Rev. 6
More results

Similar Description - TIP142G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com