Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3842BD1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # UC3842BD1
Description  High Performance Current Mode Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842BD1 Datasheet(HTML) 1 Page - ON Semiconductor

  UC3842BD1 Datasheet HTML 1Page - ON Semiconductor UC3842BD1 Datasheet HTML 2Page - ON Semiconductor UC3842BD1 Datasheet HTML 3Page - ON Semiconductor UC3842BD1 Datasheet HTML 4Page - ON Semiconductor UC3842BD1 Datasheet HTML 5Page - ON Semiconductor UC3842BD1 Datasheet HTML 6Page - ON Semiconductor UC3842BD1 Datasheet HTML 7Page - ON Semiconductor UC3842BD1 Datasheet HTML 8Page - ON Semiconductor UC3842BD1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 9
1
Publication Order Number:
UC3842B/D
UC3842B, UC3843B,
UC2842B, UC2843B,
NCV3843BV
High Performance Current
Mode Controllers
The UC3842B, UC3843B series are high performance fixed
frequency current mode controllers. They are specifically designed for
Off−Line and DC−DC converter applications offering the designer a
cost−effective solution with minimal external components. These
integrated circuits feature a trimmed oscillator for precise duty cycle
control, a temperature compensated reference, high gain error
amplifier, current sensing comparator, and a high current totem pole
output ideally suited for driving a power MOSFET.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle−by−cycle
current limiting, programmable output deadtime, and a latch for single
pulse metering.
These devices are available in an 8−pin dual−in−line and surface
mount (SOIC−8) plastic package as well as the 14−pin plastic surface
mount (SOIC−14). The SOIC−14 package has separate power and
ground pins for the totem pole output stage.
The UCX842B has UVLO thresholds of 16 V (on) and 10 V (off),
ideally suited for off−line converters. The UCX843B is tailored for
lower voltage applications having UVLO thresholds of 8.5 V (on) and
7.6 V (off).
Features
Trimmed Oscillator for Precise Frequency Control
Oscillator Frequency Guaranteed at 250 kHz
Current Mode Operation to 500 kHz
Automatic Feed Forward Compensation
Latching PWM for Cycle−By−Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Pb−Free Packages are Available
Figure 1. Simplified Block Diagram
5.0V
Reference
Latching
PWM
VCC
Undervoltage
Lockout
Oscillator
Error
Amplifier
7(12)
VC
7(11)
Output
6(10)
Power
Ground
5(8)
3(5)
Current
Sense
Input
Vref
8(14)
4(7)
2(3)
1(1)
GND
5(9)
RT/CT
Voltage
Feedback
Input
R
R
+
Vref
Undervoltage
Lockout
Output
Compensation
Pin numbers in parenthesis are for the D suffix SOIC−14 package.
VCC
14
SOIC−14
D SUFFIX
CASE 751A
1
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 19 of this data sheet.
DEVICE MARKING INFORMATION
1
8
PDIP−8
N SUFFIX
CASE 626
PIN CONNECTIONS
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
Vref
NC
VCC
VC
Output
GND
Power Ground
VCC
Output
GND
(Top View)
8
7
6
5
1
2
3
4
1
2
3
4
14
13
12
11
5
6
7
10
9
8
(Top View)
SOIC−8
D1 SUFFIX
CASE 751
1
8
http://onsemi.com


Similar Part No. - UC3842BD1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842BD1 MOTOROLA-UC3842BD1 Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
STMicroelectronics
UC3842BD1 STMICROELECTRONICS-UC3842BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842BD1 STMICROELECTRONICS-UC3842BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842BD1 STMICROELECTRONICS-UC3842BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3842BD1G ONSEMI-UC3842BD1G Datasheet
414Kb / 22P
   High Performance Current Mode Controllers
September, 2013 ??Rev. 17
More results

Similar Description - UC3842BD1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com