Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3843ADR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # UC3843ADR2G
Description  High Performance Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843ADR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button UC3843ADR2G Datasheet HTML 6Page - ON Semiconductor UC3843ADR2G Datasheet HTML 7Page - ON Semiconductor UC3843ADR2G Datasheet HTML 8Page - ON Semiconductor UC3843ADR2G Datasheet HTML 9Page - ON Semiconductor UC3843ADR2G Datasheet HTML 10Page - ON Semiconductor UC3843ADR2G Datasheet HTML 11Page - ON Semiconductor UC3843ADR2G Datasheet HTML 12Page - ON Semiconductor UC3843ADR2G Datasheet HTML 13Page - ON Semiconductor UC3843ADR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
UC3842A, UC3843A, UC2842A, UC2843A
http://onsemi.com
10
PIN FUNCTION DESCRIPTION
Pin
Function
Description
8−Pin
14−Pin
1
1
Compensation
This pin is Error Amplifier output and is made available for loop compensation.
2
3
Voltage
Feedback
This is the inverting input of the Error Amplifier. It is normally connected to the switching pow-
er supply output through a resistor divider.
3
5
Current Sense
A voltage proportional to inductor current is connected to this input. The PWM uses this infor-
mation to terminate the output switch conduction.
4
7
RT/CT
The Oscillator frequency and maximum Output duty cycle are programmed by connecting
resistor RT to Vref and capacitor CT to ground. Operation to 500 kHz is possible.
5
GND
This pin is the combined control circuitry and power ground (8−pin package only).
6
10
Output
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0 A are
sourced and sunk by this pin.
7
12
VCC
This pin is the positive supply of the control IC.
8
14
Vref
This is the reference output. It provides charging current for capacitor CT through
resistor RT.
8
Power Ground
This pin is a separate power ground return (14−pin package only) that is connected back
to the power source. It is used to reduce the effects of switching transient noise on the control
circuitry.
11
VC
The Output high state (VOH) is set by the voltage applied to this pin (14−pin package only).
With a separate power source connection, it can reduce the effects of switching transient
noise on the control circuitry.
9
GND
This pin is the control circuitry ground return (14−pin package only) and is connected back to
the power source ground.
2,4,6,13
NC
No connection (14−pin package only). These pins are not internally connected.
Undervoltage Lockout
Two undervoltage lockout comparators have been
incorporated to guarantee that the IC is fully functional
before the output stage is enabled. The positive power
supply terminal (VCC) and the reference output (Vref) are
each monitored by separate comparators. Each has built−in
hysteresis to prevent erratic output behavior as their
respective thresholds are crossed. The VCC comparator
upper and lower thresholds are 16 V/10 V for the UCX842A,
and 8.4 V/7.6 V for the UCX843A. The Vref comparator
upper and lower thresholds are 3.6V/3.4 V. The large
hysteresis and low startup current of the UCX842A makes
it ideally suited in off−line converter applications where
efficient
bootstrap
startup
techniques
are
required
(Figure 34). The UCX843A is intended for lower voltage dc
to dc converter applications. A 36 V zener is connected as
a shunt regulator form VCC to ground. Its purpose is to
protect the IC from excessive voltage that can occur during
system startup. The minimum operating voltage for the
UCX842A is 11 V and 8.2 V for the UCX843A.
Output
These devices contain a single totem pole output stage that
was specifically designed for direct drive of power
MOSFETs. It is capable of up to
±1.0 A peak drive current
and has a typical rise and fall time of 50 ns with a 1.0 nF load.
Additional internal circuitry has been added to keep the
Output in a sinking mode whenever an undervoltage lockout
is active. This characteristic eliminates the need for an
external pull−down resistor.
The SOIC−14 surface mount package provides separate
pins for VC (output supply) and Power Ground. Proper
implementation will significantly reduce the level of
switching transient noise imposed on the control circuitry.
This becomes particularly useful when reducing the Ipk(max)
clamp level. The separate VC supply input allows the
designer added flexibility in tailoring the drive voltage
independent of VCC. A zener clamp is typically connected
to this input when driving power MOSFETs in systems
where VCC is greater than 20 V. Figure 26 shows proper
power and control ground connections in a current sensing
power MOSFET application.
Reference
The 5.0 V bandgap reference is trimmed to
±1.0%
tolerance at TJ = 25°C on the UC284XA, and ± 2.0% on the
UC384XA. Its primary purpose is to supply charging current
to the oscillator timing capacitor. The reference has short
circuit protection and is capable of providing in excess of
20 mA for powering additional control system circuitry.


Similar Part No. - UC3843ADR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3843AD MOTOROLA-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3843AD ONSEMI-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC3843AD TI-UC3843AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3843AD FAIRCHILD-UC3843AD Datasheet
42Kb / 8P
   SMPS Controller
logo
Microsemi Corporation
UC3843AD MICROSEMI-UC3843AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3843ADR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com