Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2844DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # UC2844DR2G
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2844DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  UC2844DR2G Datasheet HTML 1Page - ON Semiconductor UC2844DR2G Datasheet HTML 2Page - ON Semiconductor UC2844DR2G Datasheet HTML 3Page - ON Semiconductor UC2844DR2G Datasheet HTML 4Page - ON Semiconductor UC2844DR2G Datasheet HTML 5Page - ON Semiconductor UC2844DR2G Datasheet HTML 6Page - ON Semiconductor UC2844DR2G Datasheet HTML 7Page - ON Semiconductor UC2844DR2G Datasheet HTML 8Page - ON Semiconductor UC2844DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UC3844, UC3845, UC2844, UC2845
http://onsemi.com
4
0
VO, ERROR AMP OUTPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
2.0
4.0
6.0
8.0
VCC = 15 V
TA = 25°C
TA = −55°C
TA = 125°C
Figure 2. Timing Resistor versus
Oscillator Frequency
Figure 3. Output Deadtime versus
Oscillator Frequency
Figure 4. Error Amp Small Signal
Transient Response
Figure 5. Error Amp Large Signal
Transient Response
0.5
ms/DIV
VCC = 15 V
AV = −1.0
TA = 25°C
VCC = 15 V
AV = −1.0
TA = 25°C
1.0
ms/DIV
10 k
20 k
50 k
100 k
200 k
500 k
1.0 M
fosc, OSCILLATOR FREQUENCY (Hz)
VCC = 15 V
TA = 25°C
10 k
20 k
50 k
100 k
200 k
500 k
1.0 M
fosc, OSCILLATOR FREQUENCY (Hz)
Figure 6. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 7. Current Sense Input Threshold
versus Error Amp Output Voltage
NOTE: Output switches
at one−half the oscillator
frequency.
CT = 10 nF
5.0 nF
2.0 nF
1.0 nF
100
pF
500
pF
200
pF
2.55 V
2.5 V
2.45 V
2.5 V
3.0 V
2.0 V
10
0
50
20
10
5.0
2.0
1.0
75
70
65
60
55
50
−20
10 M
10
f, FREQUENCY (Hz)
Gain
Phase
VCC = 15 V
VO = 2.0 V to 4.0 V
RL = 100 K
TA = 25°C
0
30
60
90
120
150
180
100
1.0 k
10 k
100 k
1.0 M
0
20
40
60
80
100


Similar Part No. - UC2844DR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC2844D MOTOROLA-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC2844D TI1-UC2844D Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ON Semiconductor
UC2844D ONSEMI-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC2844D STMICROELECTRONICS-UC2844D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844D TI-UC2844D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC2844DR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com