Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8375-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8375-EVALZ
Description  24dB Range, 1dB Step Size Programmable VGA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  AD8375-EVALZ Datasheet HTML 1Page - Analog Devices AD8375-EVALZ Datasheet HTML 2Page - Analog Devices AD8375-EVALZ Datasheet HTML 3Page - Analog Devices AD8375-EVALZ Datasheet HTML 4Page - Analog Devices AD8375-EVALZ Datasheet HTML 5Page - Analog Devices AD8375-EVALZ Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD8375
Preliminary Technical Data
Rev. PrB | Page 4 of 6
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Supply Voltage, VPOS
5.5 V
PWUP, A0, A1, A2, A3, A4
-0.6 to (VPOS + 0.6V)
Input Voltage, VIN+ ,VIN-
-0.6 to +3.1V
Internal Power Dissipation
TBD mW
θJA (Exposed paddle soldered down)
TBD°C/W
θJA (Exposed paddle not soldered down)
TBD°C/W
θJC (At exposed paddle)
TBD°C/W
Maximum Junction Temperature
TBD°C
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature Range
(Soldering 60 sec)
TBD°C
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD8375-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
More results

Similar Description - AD8375-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
724Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. 0
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
AD8372 AD-AD8372_17 Datasheet
751Kb / 16P
   Programmable Dual VGA
logo
RF Micro Devices
RFDA0035 RFMD-RFDA0035 Datasheet
895Kb / 11P
   DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
   VGA with Gain Control Range
logo
Agilent(Hewlett-Packard...
84904K HP-84904K Datasheet
137Kb / 8P
   Programmable Step Attenuators
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
758Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com