Electronic Components Datasheet Search |
|
CD54HCT259F3A Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD54HCT259F3A Datasheet(HTML) 1 Page - Texas Instruments |
1 / 14 page 1 Data sheet acquired from Harris Semiconductor SCHS173C Features • Buffered Inputs and Outputs • Four Operating Modes • Typical Propagation Delay of 15ns at VCC = 5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The ’HC259 and ’HCT259 Addressable Latch features the low-power consumption associated with CMOS circuitry and has speeds comparable to low-power Schottky. This latches three active modes and one reset mode. When both the Latch Enable (LE) and Master Reset (MR) inputs are low (8-line Demultiplexer mode) the output of the addressed latch follows the Data input and all other outputs are forced low. When both MR and LE are high (Memory Mode), all outputs are isolated from the Data input, i.e., all latches hold the last data presented before the LE transition from low to high. A condition of LE low and MR high (Addressable Latch mode) allows the addressed latch’s output to follow the data input; all other latches are unaffected. The Reset mode (all outputs low) results when LE is high and MR is low. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC259F3A -55 to 125 16 Ld CERDIP CD54HCT259F3A -55 to 125 16 Ld CERDIP CD74HC259E -55 to 125 16 Ld PDIP CD74HC259M -55 to 125 16 Ld SOIC CD74HC259MT -55 to 125 16 Ld SOIC CD74HC259M96 -55 to 125 16 Ld SOIC CD74HCT259E -55 to 125 16 Ld PDIP CD74HCT259M -55 to 125 16 Ld SOIC CD74HCT259MT -55 to 125 16 Ld SOIC CD74HCT259M96 -55 to 125 16 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. The suffix T denotes a small-quantity reel of 250. November 1997 - Revised October 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54HC259, CD74HC259, CD54HCT259, CD74HCT259 High-Speed CMOS Logic 8-Bit Addressable Latch [ /Title (CD74 HC259 , CD74 HCT25 9) /Sub- ject (High Speed CMOS Logic 8-Bit Addres sable Latch) |
Similar Part No. - CD54HCT259F3A |
|
Similar Description - CD54HCT259F3A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |