Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5750-6AQJ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T5750-6AQJ
Description  UHF ASK/FSK Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5750-6AQJ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T5750-6AQJ Datasheet HTML 2Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 3Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 4Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 5Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 6Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 7Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 8Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 9Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
4546E–RKE–02/07
T5750
Figure 4-2.
Output Power Measurement
4.4
Application Circuit
For the supply-voltage blocking capacitor C
3 a value of 68 nF/X7R is recommended (see Figure
4-3 on page 7 and Figure 4-4 on page 8). C
1 and C2 are used to match the loop antenna to the
power amplifier where C
1 typically is 3.9 pF/NP0 and C2 is 1 pF/NP0; for C2 two capacitors in
series should be used to achieve a better tolerance value and to have the possibility to realize
the Z
Load,opt by using standard valued capacitors.
C
1 forms together with the pins of T5750 and the PCB board wires a series resonance loop that
suppresses the 1
st harmonic, hence the position of C
1 on the PCB is important. Normally the
best suppression is achieved when C
1 is placed as close as possible to the pins ANT1 and
ANT2.
The loop antenna should not exceed a width of 1.5 mm, otherwise the Q-factor of the loop
antenna is too high.
L
1 (≈
50 nH to 100 nH) can be printed on PCB. C
4 should be selected so that the XTO runs on
the load resonance frequency of the crystal. Normally, a value of 12 pF results for a 15 pF
load-capacitance crystal.
1 nF
1.5 pF
2.7 pF
10 nH
C1
C2
C3
L1
VS
Rin
ANT2
ANT1
ZLopt
Power
meter
50
Z = 50


Similar Part No. - T5750-6AQJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5750-6AQJ ATMEL-T5750-6AQJ Datasheet
283Kb / 13P
   Transmitter
More results

Similar Description - T5750-6AQJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com