Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538QTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7538QTR
Description  FSK power line transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538QTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7538QTR Datasheet HTML 7Page - STMicroelectronics ST7538QTR Datasheet HTML 8Page - STMicroelectronics ST7538QTR Datasheet HTML 9Page - STMicroelectronics ST7538QTR Datasheet HTML 10Page - STMicroelectronics ST7538QTR Datasheet HTML 11Page - STMicroelectronics ST7538QTR Datasheet HTML 12Page - STMicroelectronics ST7538QTR Datasheet HTML 13Page - STMicroelectronics ST7538QTR Datasheet HTML 14Page - STMicroelectronics ST7538QTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ST7538Q
Electrical characteristics
11/44
HD2ATO
Second Harmonic
Distortion on ATO
VATO = 2VPP
-55
-42
dBc
HD3ATO
Third Harmonic Distortion
on ATO
-52
-49
dBc
IATOP
Output Transmitting
Current in programmable
current limiting
Rcl = 1.85k
Ω; RLOAD =
1
Ω (as in Figure 14)
250
310
370
mArms
VATOP(AC)
Max Carrier Output AC
Voltage for each ATOP1
and ATOP2 pins
RCL = 1.t5kΩ
Vsense(AC) = 0V
3.5
4.6
6
Vpp
VATOP(DC)
Output DC Voltage on
ATOP1 and ATOP2 pins
3.5
4.2
5
V
HD2ATOP
Second Harmonic
Distortion on each ATOP1
and ATOP2 pins
VATOP = 4VPP ,
PAVCC = 10V
No Load
-55
-42
dBc
VATOP = 4VPP ,
PAVCC = 10V
RLOAD =50Ω (Differential)
Carrier Frequency:
132.5KHz
-65
-53
dBc
HD3ATOP
Third Harmonic Distortion
on each ATOP1 and
ATOP2 pins
VATOP = 4VPP ,
PAVCC = 10V
No Load.
-56
-49
dBc
VATOP = 4VPP ,
PAVCC = 10V
RLOAD =50Ω (Differential)
Carrier Frequency:
132.5KHz
-65
-52
dBc
VATOP
Accuracy with Voltage
Control Loop Active
RCL = 1.75Ω;
Vsense(AC) = 0V
-1
+1
GST
GST
ALC Gain Step Control
loop gain step
0.6
1
1.4
dB
DRNG
ALC Dynamic Range
30
dB
VsenseTH
Voltage control loop
reference threshold on
Vsense pin
Figure 14
160
180
200
mVPK
VsenseHYS
Hysteresis on Voltage loop
reference threshold
Figure 14
±18
mV
VSENSE(DC)
Output DC Voltage on
VSENSE
1.865
V
VSENSE
VSENSE Input Impedance
36
k
Table 4. Electrical characteristics (continued)
(AVdd = DVdd = +5V, PAVcc =+9 V, PAVss, SGND = DVss = 0V, -40°C
≤TA ≤ 85°C, TJ < 125 °C, fc = 86kHz,
other control register parameters as default value, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
PAVcc
VATOP AC
()
2
------------------------------------
7.5V
+


Similar Part No. - ST7538QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7538 STMICROELECTRONICS-ST7538 Datasheet
264Kb / 30P
   POWER LINE FSK TRANSCEIVER
November 2005
ST7538P STMICROELECTRONICS-ST7538P Datasheet
264Kb / 30P
   POWER LINE FSK TRANSCEIVER
November 2005
More results

Similar Description - ST7538QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7538 STMICROELECTRONICS-ST7538 Datasheet
264Kb / 30P
   POWER LINE FSK TRANSCEIVER
November 2005
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
   FSK power line transceiver
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
   ST7538Q power line FSK transceiver
logo
ATMEL Corporation
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
   FSK Power Line Communications SoC
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
   FSK Power Line Communications SoC
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com