Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-1250B4MDR Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # LCP-1250B4MDR
Description  RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250B4MDR Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button LCP-1250B4MDR Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 9Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 10Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 11Page - Delta Electronics, Inc. LCP-1250B4MDR Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DELTA ELECTRONICS, INC.
8
Aug., 2006
Rev. 6A
www.deltaww.com
SFP timing parameters for SFP management
Parameter
Symbol
Min.
Max.
Unit
Note
TX_DISABLE Assert time
t_off
10
μsec
1
TX_DISABLE Negate time
t_on
1
msec
2
Time to initialize, including
reset of TX_FAULT
t_init
300
msec
3
TX Fault Assert Time
t_fault
100
μsec
4
TX_DISABLE to reset
t_rest
10
μsec
5
LOS Assert Time
t_loss_on
100
μsec
6
LOS Deassert Time
t_loss_off
100
μsec
7
Serial ID Clock Rate
f_serial_clock
100
kHz
Notes:
1)
Time from rising edge of TX_DISABLE to when the optical output falls below 10% of nominal
2)
Time from falling edge of TX_DISABLE to when the modulated optical output rises above 90% of
nominal
3)
From power on or negation of TX_Fault using TX Disable
4)
Time from fault to TX fault on.
5)
Time TX Disable must be held high to reset TX_Fault
6) Time from LOS state to Rx LOS assert
7) Time from non-LOS state to Rx LOS deassert


Similar Part No. - LCP-1250B4MDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDRH DELTA-LCP-1250B4QDRH Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDRT DELTA-LCP-1250B4QDRT Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QSR DELTA-LCP-1250B4QSR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250B4MDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
logo
Finisar Corporation.
FWLF-1631-17 FINISAR-FWLF-1631-17 Datasheet
106Kb / 12P
   RoHS Compliant DWDM SFP Transceiver
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1374D3BCL FINISAR-FTLX1374D3BCL Datasheet
767Kb / 11P
   RoHS-6 Compliant 10Gb/s 1km Single Mode Datacom SFP Transceiver
FTLX2072D327 FINISAR-FTLX2072D327 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com