Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-1250B4QDR Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # LCP-1250B4QDR
Description  RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250B4QDR Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  LCP-1250B4QDR Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250B4QDR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DELTA ELECTRONICS, INC.
3
Aug., 2006
Rev. 6E
www.deltaww.com
Optical Characteristics
(VCC=3.3V ± 5%, Data Rate=1250Mb/sec, PRBS=2
7-1 NRZ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
PO
-9.5
-3
dBm
Optical Extinction Ratio
9
dB
Center Wavelength
λC
1274
1310
1355
nm
Spectral Width (RMS)
σ
4
nm
Optical Rise/ Fall Time
tr/tf
260
psec
1
Receiver
Sensitivity (Avg.)
PIN
-19
dBm
2
Input Optical Wavelength
λ
1270
1570
nm
LOS-Deasserted (Avg.)
PA
-19
dBm
LOS-Asserted (Avg.)
PD
-36
dBm
LOS-Hysteresis
PA-PD
0.5
dB
Overload
PO
-3
dBm
Notes:
1. These are unfiltered 20%~80% values
2. The sensitivity is provided at a BER of 1×10
-12or better with an input signal consisting of 1250Mb/s,
2
7-1 PRBS and ER=9dB.
Mask of the eye diagram for the optical transmit signal


Similar Part No. - LCP-1250B4QDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4QSRA DELTA-LCP-1250B4QSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
More results

Similar Description - LCP-1250B4QDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4MDR DELTA-LCP-1250B4MDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
logo
Finisar Corporation.
FWLF-1631-17 FINISAR-FWLF-1631-17 Datasheet
106Kb / 12P
   RoHS Compliant DWDM SFP Transceiver
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1374D3BCL FINISAR-FTLX1374D3BCL Datasheet
767Kb / 11P
   RoHS-6 Compliant 10Gb/s 1km Single Mode Datacom SFP Transceiver
FTLX2072D327 FINISAR-FTLX2072D327 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com