Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-1250B4QSRA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # LCP-1250B4QSRA
Description  RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250B4QSRA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button LCP-1250B4QSRA Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 9Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 10Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 11Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DELTA ELECTRONICS, INC.
11
Dec., 2006
Rev. 0C
www.deltaww.com
LCP-1250A4FSRA EEPROM Serial ID Memory Contents (2-Wire Address A0h)
Address
Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII
00
03
25
20
50
46
F
75
SN
100
00
125
00
01
04
26
20
51
53
S
76
SN
101
00
126
00
02
07
27
20
52
52
R
77
SN
102
00
127
00
03
00
28
20
53
41
A
78
SN
103
00
04
00
29
20
54
20
79
SN
104
00
05
00
30
20
55
20
80
SN
105
00
06
01
31
20
56
30
81
SN
106
00
07
00
32
20
57
30
82
SN
107
00
08
00
33
20
58
30
83
SN
108
00
09
00
34
20
59
0A
84
DC Note 3
109
00
10
00
35
20
60
03
85
DC
110
00
11
01
36
00
61
52
86
DC
111
00
12
0D
37
00
62
00
87
DC
112
00
13
00
38
00
63
CS1 Note 1
88
DC
113
00
14
00
39
00
64
00
89
DC
114
00
15
00
40
4C
L
65
1A
90
DC
115
00
16
37
41
43
C
66
05
91
DC
116
00
17
1D
42
50
P
67
05
92
00
117
00
18
00
43
2D
-
68
SN Note 2
93
00
118
00
19
00
44
31
1
69
SN
94
00
119
00
20
44
D
45
32
2
70
SN
95
CS2 Note 4
120
00
21
45
E
46
35
5
71
SN
96
00
121
00
22
4C
L
47
30
0
72
SN
97
00
122
00
23
54
T
48
41
A
73
SN
98
00
123
00
24
41
A
49
34
4
74
SN
99
00
124
00
LCP-1250B4QSRA EEPROM Serial ID Memory Contents (2-Wire Address A0h)
Address
Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII
00
03
25
20
50
51
Q
75
SN
100
00
125
00
01
04
26
20
51
53
S
76
SN
101
00
126
00
02
07
27
20
52
52
R
77
SN
102
00
127
00
03
00
28
20
53
41
A
78
SN
103
00
04
00
29
20
54
20
79
SN
104
00
05
00
30
20
55
20
80
SN
105
00
06
02
31
20
56
30
81
SN
106
00
07
00
32
20
57
30
82
SN
107
00
08
00
33
20
58
30
83
SN
108
00
09
00
34
20
59
0A
84
DC Note 3
109
00
10
00
35
20
60
05
85
DC
110
00
11
01
36
00
61
1E
86
DC
111
00
12
0D
37
00
62
00
87
DC
112
00
13
00
38
00
63
CS1 Note 1
88
DC
113
00
14
0A
39
00
64
00
89
DC
114
00
15
64
40
4C
L
65
1A
90
DC
115
00
16
00
41
43
C
66
05
91
DC
116
00
17
00
42
50
P
67
05
92
00
117
00
18
00
43
2D
-
68
SN Note 2
93
00
118
00
19
00
44
31
1
69
SN
94
00
119
00
20
44
D
45
32
2
70
SN
95
CS2 Note 4
120
00
21
45
E
46
35
5
71
SN
96
00
121
00
22
4C
L
47
30
0
72
SN
97
00
122
00
23
54
T
48
42
B
73
SN
98
00
123
00
24
41
A
49
34
4
74
SN
99
00
124
00
Notes:
1)
Byte 63: Check sum of bytes 0-62.
2)
Byte 68-83 (SN): Serial number.
3)
Byte 84-91 (DC): Date code.
4) Byte 95 (CS2): Check sum of bytes 64-94.


Similar Part No. - LCP-1250B4QSRA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4QSR DELTA-LCP-1250B4QSR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QSRH DELTA-LCP-1250B4QSRH Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QSRT DELTA-LCP-1250B4QSRT Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250B4QSRA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
LCP-2125A4EDR DELTA-LCP-2125A4EDR Datasheet
246Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
Delta Electronics, Inc.
LCP-2125B4QDR DELTA-LCP-2125B4QDR Datasheet
245Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com