Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2801 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T2801
Description  DECT Single-Chip Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2801 Datasheet(HTML) 1 Page - ATMEL Corporation

  T2801_06 Datasheet HTML 1Page - ATMEL Corporation T2801_06 Datasheet HTML 2Page - ATMEL Corporation T2801_06 Datasheet HTML 3Page - ATMEL Corporation T2801_06 Datasheet HTML 4Page - ATMEL Corporation T2801_06 Datasheet HTML 5Page - ATMEL Corporation T2801_06 Datasheet HTML 6Page - ATMEL Corporation T2801_06 Datasheet HTML 7Page - ATMEL Corporation T2801_06 Datasheet HTML 8Page - ATMEL Corporation T2801_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
Supply Voltage Range 3V to 4.6V (Unregulated)
Auxiliary Voltage Regulator On-chip
Low Current Consumption
Few Low Cost External Components
No Mechanical Tuning Required
Non-blindslot and Blindslot Operation
Unlimited Multislot Operation with Advanced Closed-loop Modulation
Supports Multiple Reference Clocks (10.368 MHz/13.824 MHz/20.736 MHz)
TX Preamplifier with 0 dBm Output Power at 1.9 GHz and Ramp-signal Generator for
SiGe Power Amplifier
1.
Description
The T2801 is an RF IC for low-power DECT applications. The QFN48 packaged IC is
a complete transceiver including image rejection mixer, IF amplifier, FM demodulator,
baseband filter, RSSI, TX preamplifier, power-ramping generator for power amplifiers,
integrated synthesizer, fully integrated VCO, TX filter and modulation compensation
circuit for advanced closed-loop modulation concept. No mechanical tuning is neces-
sary in production.
Figure 1-1.
Block Diagram
TANK
PC
RC
GF
MCC
CP
VCO
f
: n
f
: n
CTRL
LOGIC
PD
TX / RX
SWITCH
IR MIXER
IF AMP 1
IF AMP 2
DEMOD
BB FILTER
3-WIRE
BUS
DEMOD DAC
RSSI
TX DRIVER
CLOCK
DATA
ENABLE
RX_ON
TX_ON
PU_RX/TX
PU_PLL
TX_DATA
RSSI
BB_OUT
CF
DEMOD
IF_TANK
IF_IN
MIXER
OUT
RF_IN
TX_OUT
VS_VCO
CP
LD
REF_CLK
VTUNE
VREG
VS_REG
REG_CTRL
VREG_VCO
VCO
REG
RAMP
GEN
RAMP_OUT
RAMP_SET
AUX
REG
PU_VCO
PU_REG
GND_VCO
D/A
I_CPSW
DECT
Single-chip
Transceiver
T2801
Rev. 4567B–DECT–03/06


Similar Part No. - T2801_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2801-PLH ATMEL-T2801-PLH Datasheet
241Kb / 27P
   DECT Single-Chip Transceiver
logo
Digitron Semiconductors
T2801B DIGITRON-T2801B Datasheet
250Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
T2801C DIGITRON-T2801C Datasheet
250Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
T2801D DIGITRON-T2801D Datasheet
250Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
T2801E DIGITRON-T2801E Datasheet
250Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - T2801_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
   DECT Single-Chip Transceiver
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
AD6411 AD-AD6411_15 Datasheet
116Kb / 11P
   DECT RF Transceiver
REV. 0
logo
National Semiconductor ...
LMX4268 NSC-LMX4268 Datasheet
39Kb / 4P
   Radio Transceiver for DECT
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
   Radio Transceiver for DECT
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
   Fully integrated DECT transceiver
2001 Sep 06
logo
Level One
LXT317 LVL1-LXT317 Datasheet
546Kb / 16P
   DECT Twitsted-Pair LIU Transceiver
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
List of Unclassifed Man...
HW86010 ETC-HW86010 Datasheet
104Kb / 2P
   DECT Transceiver Module: The optimum embedded wireless solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com