Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-1250RJ3SR-S Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # LCP-1250RJ3SR-S
Description  RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250RJ3SR-S Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  LCP-1250RJ3SR-S Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250RJ3SR-S Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250RJ3SR-S Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250RJ3SR-S Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250RJ3SR-S Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250RJ3SR-S Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250RJ3SR-S Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250RJ3SR-S Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LCP-1250RJ3SR
DELTA ELECTRONICS, INC.
4
Dec., 2006
Rev. 1.01
www.deltaww.com
Pin Function Definitions
Pin Num.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
Note 5
2
TX Fault
Transmitter Fault Indication
3
Note 1 - Function not available
3
TX Disable
Transmitter Disable
3
Note 2 - Module disables on high or
open
4
MOD-DEF2
Module Definition 2
3
Note 3 - Two-wire serial ID interface
5
MOD-DEF1
Module Definition 1
3
Note 3 - Two-wire serial ID interface
6
MOD-DEF0
Module Definition 0
3
Note 3 - grounded in module
7
Rate Select
Not Connect
3
Function not available
8
LOS
Loss of Signal
3
Note 4 - Function not available
9
VeeR
Receiver Ground
1
Note 5
10
VeeR
Receiver Ground
1
Note 5
11
VeeR
Receiver Ground
1
Note 5
12
RD-
Inverse Received Data Out
3
Note 6
13
RD+
Received Data Out
3
Note 6
14
VeeR
Receiver Ground
1
Note 5
15
VccR
Receiver Power
2
Note 7 - 3.3V ± 5%
16
VccT
Transmitter Power
2
Note 7 - 3.3V ± 5%
17
VeeT
Transmitter Ground
1
Note 5
18
TD+
Transmitter Data In
3
Note 8
19
TD-
Inverse Transmitter Data In
3
Note 8
20
VeeT
Transmitter Ground
1
Note 5
Plug Seq.: Pin engagement sequence during hot plugging.
Notes:
1) TX Fault is not supported and tied to ground.
2) TX disable is an input that is used to reset the chip of Gigabit Ethernet PHY inside the copper SFP. It is pulled
up within the module with a 4.7 – 10 K Ω resistor.
Low (0 – 0.8V):
Transmitter on
(>0.8, < 2.0V):
Undefined
High (2.0 – 3.465V):
Transmitter Disabled
Open:
Transmitter Disabled
3) These are the module definition pins. They should be pulled up with a 4.7K – 10KΩ resistor on the host board.
The pull-up voltage shall be VccT or VccR. MOD-DEF 0 is grounded in the module to indicate that the module is
present. MOD-DEF 1 and MOD-DEF 2 are the clock and data lines of the two-wire serial interface, respectively.
4) LOS (Loss of Signal) is not available and tied to ground.
5) VeeR and VeeT are internally connected within the copper SFP.
6) RD+ and RD- are the received differential outputs, and they are AC-coupled 100Ω differential lines that should be
terminated with 100Ω (differential) at user’s SERDES. The AC coupling is done inside the copper SFP and thus
not required on the host board. The differential voltage swing will be between 250mV and 625 mV, while properly
terminated.
7) VccR and VccT are the receiver and transmitter power supplies, and they are internally connected within the
copper SFP. The power rail is defined as 3.3V ±5% at the SFP connector pin.


Similar Part No. - LCP-1250RJ3SR-S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
More results

Similar Description - LCP-1250RJ3SR-S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com