Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-1250D4MDRT Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # LCP-1250D4MDRT
Description  RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250D4MDRT Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button LCP-1250D4MDRT Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 9Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 10Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 11Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 12Page - Delta Electronics, Inc. LCP-1250D4MDRT Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DELTA ELECTRONICS, INC.
11
Aug., 2006
Rev. 6A
www.deltaww.com
9) Byte 95: Check sum of bytes 64-94.
10) Byte 128 to 255 had been set hex 00.
Digital Diagnostic Monitoring Interface
Alarm and Warning Thresholds (2-Wire Address A2h)
Address
#
Bytes
Name
Value (Dec.)
Unit
Note
00-01
2
Temp High Alarm
TC (MAX.)+15
02-03
2
Temp Low Alarm
TC (MIN.)
04-05
2
Temp High Warning
TC (MAX.)+10
06-07
2
Temp Low Warning
TC (MIN.)+10
1
08-09
2
Voltage High Alarm
Vcc+5%
10-11
2
Voltage Low Alarm
Vcc-5%
12-13
2
Voltage High Warning
Vcc+3%
14-15
2
Voltage Low Warning
Vcc-3%
Volt
16-17
2
Bias High Alarm
IOP*2+35
18-19
2
Bias Low Alarm
IOP-13
20-21
2
Bias High Warning
IOP *2+30
22-23
2
Bias Low Warning
IOP –8
mA
2
24-25
2
TX Power High Alarm
P+3
26-27
2
TX Power Low Alarm
P-3
28-29
2
TX Power High Warning
P+2
30-31
2
TX Power Low Warning
P-2
dBm
3
32-33
2
RX Power High Alarm
P0+3
34-35
2
RX Power Low Alarm
PS-2
36-37
2
RX Power High Warning
P0+2
38-39
2
RX Power Low Warning
PS
dBm
4
40-45
16
Reversed
56-91
36
External Calibration Constants
92-94
3
Reversed
95
1
Checksum
5
96-97
2
Real Time Temperature
98-99
2
Real Time Supply Voltage
100-101
2
Real Time Tx Bias Current
102-103
2
Real Time Tx Optical Power
104-105
2
Real Time Rx Received Power
106-109
4
Reserved
110
1
Optional Status/ Control Bits
6
111
1
Reserved
112-119
8
Optional Set of Alarm and Warning
7
Notes:
1) TC: Case Operating temperature
2) IOP: Operating current at room temperature. The min. setting current is 0 mA.
3) P: Operating optical power of transmitter at room temperature.
4) P0: Overload optical power of receiver
PS: Sensitivity optical power of receiver


Similar Part No. - LCP-1250D4MDRT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250DR DELTA-LCP-1250DR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250DRH DELTA-LCP-1250DRH Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250DRT DELTA-LCP-1250DRT Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250D4MDRT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
logo
Finisar Corporation.
FWLF-1631-17 FINISAR-FWLF-1631-17 Datasheet
106Kb / 12P
   RoHS Compliant DWDM SFP Transceiver
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1374D3BCL FINISAR-FTLX1374D3BCL Datasheet
767Kb / 11P
   RoHS-6 Compliant 10Gb/s 1km Single Mode Datacom SFP Transceiver
FTLX2072D327 FINISAR-FTLX2072D327 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com