Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE12S0A0V06PNFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # NE12S0A0V06PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V06PNFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button NE12S0A0V06PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0V06PNFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
12S06A_02012007
6
FEATURES DESCRIPTIONS
Enable (On/Off)
The ENABLE (on/off) input allows external circuitry to put
the NE converter into a low power dissipation (sleep)
mode. Positive ENABLE is available as standard. With
the active high function, the output is guaranteed to turn
on if the ENABLE pin is driven above 0.8V. The output will
turn off if the ENABLE pin voltage is pulled below 0.3V.
Undervoltage Lockout
The ENABLE pin is also used as input UVLO function.
Leaving the enable floating, the module will turn on if the
input voltage is higher than the turn-on threshold and turn
off if the input voltage is lower than the turn-off threshold.
The default turn-on voltage is 3.1V with 300mV
hysteresis.
The turn-on voltage may be adjusted with a resistor
placed between the “Enable” pin and “Ground” pin. The
equation for calculating the value of this resistor is:
(
)
8
.
0
34
.
6
34
.
6
05
.
15
_
+
×
+
×
=
R
R
V
RTH
EN
V
V
V
RTH
EN
FTH
EN
3
.
0
_
_
=
NE10A/6A
R
Enable
Fig. 18. UVLO setting
FTH
EN
V
_
is the turn-off threshold
RTH
EN
V
_
is the turn-on threshold
R (Kohm) is the outen resistor connected from Enable pin
to the GND
An active high voltage will disable the input UVLO
function.
DESIGN CONSIDERATIONS
The NE06 uses a single phase and voltage mode
controlled buck topology. The output can be trimmed from
0.59Vdc to 5.1Vdc by a resistor from Trim pin to Ground.
The converter can be turned ON/OFF by remote control
with positive on/off (ENABLE pin) logic. The converter DC
output is disabled when the signal is driven low (below
0.3V). This pin is also used as the input turn on threshold
judgment. Its voltage is percent of Input voltage during
floating due to internal connection. So we do not suggest
using an active high signal (higher than 0.8V) to turn on
the module because this high level voltage will disable
UVLO function. The module will turn on when this pin is
floating and the input voltage is higher than the threshold.
The converter can protect itself by entering hiccup mode
against over current and short circuit condition. Also, the
converter will shut down when an over voltage protection
is detected.
Safety Considerations
It is recommended that the user to provide a very
fast-acting type fuse in the input line for safety. The output
voltage set-point and the output current in the application
could define the amperage rating of the fuse.
DS_NE


Similar Part No. - NE12S0A0V06PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
674Kb / 14P
   Fixed frequency operation
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

Similar Description - NE12S0A0V06PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com