Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT-155A2H4RA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # OPT-155A2H4RA
Description  155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

OPT-155A2H4RA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  OPT-155A2H4RA Datasheet HTML 1Page - Delta Electronics, Inc. OPT-155A2H4RA Datasheet HTML 2Page - Delta Electronics, Inc. OPT-155A2H4RA Datasheet HTML 3Page - Delta Electronics, Inc. OPT-155A2H4RA Datasheet HTML 4Page - Delta Electronics, Inc. OPT-155A2H4RA Datasheet HTML 5Page - Delta Electronics, Inc. OPT-155A2H4RA Datasheet HTML 6Page - Delta Electronics, Inc. OPT-155A2H4RA Datasheet HTML 7Page - Delta Electronics, Inc. OPT-155A2H4RA Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OPT-155Axxxx
DELTA ELECTRONICS, INC.
1
www.deltaww.com
Sep., 2006
Rev.:0E
155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for
Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Features:
Full Compliance with the Optical Performance
Requirements of the ATM 100Mbps and 100
Base-FX Version of IEEE 802.3u.
Industry Standard 1x9 Footprint and Duplex
SC or ST Connector Interface.
Single 5V(OPT-155A1Hxx)or 3.3V
(OPT-155A2Hxx)Power Supply.
PECL Differential Inputs and Outputs.
PECL Receiver Signal Detect Indicator.
Wave Solder and Aqueous Wash Process
Compatible.
RoHS Compliant per Directive 2002/95/EC
Description:
The
OPT-155AxHxx
series
are
1x9
optical
transceiver
modules
designed
expressly
for
high-speed communication applications that require
rates of up to 155Mbps. They are all compliant with
the SONET/SDH standards.
The OPT-155AxHxx transceivers are supplied in
industry standard 1x9 SIP package style with either
duplex SC or duplex ST connector. Moreover the
OPT-155AxHx series also include a Signal-Detect
circuit that provides PECL logic output state.
The OPT-155AxHxx series meet Class-1 eye safety
standard and effective distance up to 2Km.
The transmitter sections utilize 1310nm Surface
Emitting InGaAsP LEDs. These LEDs are packaged
in the optical subassembly portion of the transmitter
section. A custom silicon IC that converts differential
PECL logical signals into an analog LED driving
current then drive it.
The
receiver
sections
utilize
InGaAs
PIN
photodiodes
coupled
into
a
custom
silicon
transimpedance
preamplifier
IC.
These
are
packaged in the optical subassembly portion of
receiver.
These PIN / Preamplifier combinations are coupled
into a custom quantizer IC which provides the final
pulse shaping for the logic output and the Signal
Detect function. The data output is differential. The
signal detect output is single-ended.
Application:
Multimode Fiber Backbone Links.
Fast Ethernet and ATM Compatible.
Multimode Fiber Media Converter.


Similar Part No. - OPT-155A2H4RA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A2H1A ETC-OPT-155A2H1A Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

Similar Description - OPT-155A2H4RA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2J1RA DELTA-LC-155B2J1RA Datasheet
169Kb / 8P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23836-C18-C63 INFINEON-V23836-C18-C63 Datasheet
298Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
2004-02-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com