Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3425LK-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3425LK-T
Description  Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3425LK-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3425LK-T Datasheet HTML 1Page - Allegro MicroSystems A3425LK-T Datasheet HTML 2Page - Allegro MicroSystems A3425LK-T Datasheet HTML 3Page - Allegro MicroSystems A3425LK-T Datasheet HTML 4Page - Allegro MicroSystems A3425LK-T Datasheet HTML 5Page - Allegro MicroSystems A3425LK-T Datasheet HTML 6Page - Allegro MicroSystems A3425LK-T Datasheet HTML 7Page - Allegro MicroSystems A3425LK-T Datasheet HTML 8Page - Allegro MicroSystems A3425LK-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Ultra-Sensitive Dual-Channel Quadrature
Hall-Effect Bipolar Switch
A3425
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Pb-free1
Packing2
Mounting
Ambient, TA
A3425EK-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
–40ºC to 85ºC
A3425EKTN-T
Yes
13-in. reel, 4000 pieces/reel
A3425EL-T
Yes
Bulk, 500 pieces/bag
8-pin SOIC surface mount
A3425ELTR-T
Yes
13-in. reel, 3000 pieces/reel
A3425LK-T
Yes
Bulk, 98 pieces/bag
4-pin SIP through hole
–40ºC to 150ºC
A3425LKTN-T
Yes
13-in. reel, 4000 pieces/reel
A3425LL-T
Yes
Bulk, 500 pieces/bag
8-pin SOIC surface mount
A3425LLTR-T
Yes
13-in. reel, 3000 pieces/reel
1Pb-based variants are being phased out of the product line. The variants cited in this footnote are in production but have been determined to
be NOT FOR NEW DESIGN. This classification indicates that sale of this device is currently restricted to existing customer applications. The
variants should not be purchased for new design applications because obsolescence in the near future is probable. Samples are no longer
available. Status change: May 1, 2006. These variants include: A3425EL, A3425ELTR, A3425LL, and A3425LLTR.
2Contact Allegro for additional packing options.
quadrature. The patented chopper stabilization technique cancels
offsets in each channel, and provides stable operation over the
operating temperature and voltage ranges. An on-chip regulator
allows the use of this device over a wide operating voltage range.
Post-assemblyfactoryprogrammingprovidessensitiveswitchpoints
that are symmetrical between the two switches.
The A3425 is available in a plastic 8-pin SOIC surface mount
package (L) and a plastic 4-pin SIP (K), both in two operating
temperature ranges. Each package is available in a lead (Pb) free
version with 100% matte tin plated leadframe.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
26.5
V
Reverse Battery Voltage
VRCC
–16
V
Output Off Voltage
VOUTPUT
VCC
V
Output Sink Current
IOUTPUT(Sink)
Internally Limited
Magnetic Flux Density
B
Unlimited
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC


Similar Part No. - A3425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425LK-T ALLEGRO-A3425LK-T Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
More results

Similar Description - A3425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230_16 Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230 Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A3132 ALLEGRO-A3132 Datasheet
122Kb / 6P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
logo
Major-Power Technology ...
MA7002 MPOWER-MA7002 Datasheet
175Kb / 2P
   Ultra-sensitive Hall Effect Switch
Rev.1.2
logo
Diodes Incorporated
AH1389 DIODES-AH1389 Datasheet
528Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
AH1388 DIODES-AH1388 Datasheet
469Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
May 2020 Rev. 1 - 2
AH1390 DIODES-AH1390 Datasheet
499Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com