Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3516EUA Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3516EUA
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3516EUA Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3516EUA Datasheet HTML 3Page - Allegro MicroSystems A3516EUA Datasheet HTML 4Page - Allegro MicroSystems A3516EUA Datasheet HTML 5Page - Allegro MicroSystems A3516EUA Datasheet HTML 6Page - Allegro MicroSystems A3516EUA Datasheet HTML 7Page - Allegro MicroSystems A3516EUA Datasheet HTML 8Page - Allegro MicroSystems A3516EUA Datasheet HTML 9Page - Allegro MicroSystems A3516EUA Datasheet HTML 10Page - Allegro MicroSystems A3516EUA Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
3515 AND 3516
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
0.095
±0.005
0.020
MIN
FLAT
Dwg. MH-015 in
0.004
MAX
0.002
MAX
0°–8°
2.41
±0.13
0.51
MIN
FLAT
Dwg. MH-015 mm
0.10
MAX
0.051
MAX
0°–8°
Horizontal-Mount Lead Form (order A351xxUA-TL)
NOTE: Supplied in bulk pack (500 devices per bag).
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
0.062
0.038
Dwg. MA-013-3 in
0.050
BSC
1.57
0.97
Dwg. MA-013-3 mm
1.27
BSC
The products described herein are manufactured under one or more
of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283;
5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719;
5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents
pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be required
to permit improvements in the performance, reliability, or
manufacturability of its products. Before placing an order, the user is
cautioned to verify that the information being relied upon is current.
Allegro products are not authorized for use as critical components
in life-support appliances, devices, or systems without express written
approval.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsibil-
ity for its use; nor for any infringements of patents or other rights of
third parties that may result from its use.


Similar Part No. - A3516EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3516EUA ALLEGRO-A3516EUA Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
More results

Similar Description - A3516EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com