Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3964 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3964
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3964 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3964_00 Datasheet HTML 1Page - Allegro MicroSystems 3964_00 Datasheet HTML 2Page - Allegro MicroSystems 3964_00 Datasheet HTML 3Page - Allegro MicroSystems 3964_00 Datasheet HTML 4Page - Allegro MicroSystems 3964_00 Datasheet HTML 5Page - Allegro MicroSystems 3964_00 Datasheet HTML 6Page - Allegro MicroSystems 3964_00 Datasheet HTML 7Page - Allegro MicroSystems 3964_00 Datasheet HTML 8Page - Allegro MicroSystems 3964_00 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3964
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
A3964SB
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
θ
2
θ
1
VCC
1
VBB
2
GROUND
GROUND
GROUND
GROUND
PHASE 2
V REF(OUT)
2
RC
2B
OUT
SENSE 2
2A
OUT
LOGIC
SUPPLY
Dwg. PP-005-2
NO
CONNECT.
NO
CONNECT.
ENABLE 2
1
RC
VREF(IN)
PHASE 1
1A
OUT
SENSE 1
1B
OUT
LOAD
SUPPLY
NO
CONNECT.
NO
CONNECT.
ENABLE 1
NC
NC
NC
NC
50
75
100
125
150
5
1
0
TEMPERATURE IN
°C
4
3
2
25
Dwg. GP-049-4
R
= 6.0
°C/W
θJT
SUFFIX 'B', R
= 40
°C/W
θJA
SUFFIX 'LB', R
= 60
°C/W
θJA
2.5 V
REFERENCE
14
5
2
R S
19
R S
VREF(IN)
VCC
ENABLE1
ENABLE2
PHASE 1
PHASE 2
VBB
1
+
ONE SHOT
SOURCE
DISABLE
+
SOURCE
DISABLE
2
ONE SHOT
UVLO
& TSD
8
10
9
31
4
18
20
7
12
11
13
17
R T
R T
C T
C T
Dwg. FP-033-1
615 16
R A
R B
FUNCTIONAL BLOCK DIAGRAM
(A3964SLB pinning shown)
Copyright © 1997, 2000 Allegro MicroSystems, Inc.


Similar Part No. - 3964_00

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
39647 SCHOTT-39647 Datasheet
31Kb / 1P
   TRANSFORMER, G. SHDSL
More results

Similar Description - 3964_00

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com