Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3968 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3968
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3968 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3968_03 Datasheet HTML 2Page - Allegro MicroSystems 3968_03 Datasheet HTML 3Page - Allegro MicroSystems 3968_03 Datasheet HTML 4Page - Allegro MicroSystems 3968_03 Datasheet HTML 5Page - Allegro MicroSystems 3968_03 Datasheet HTML 6Page - Allegro MicroSystems 3968_03 Datasheet HTML 7Page - Allegro MicroSystems 3968_03 Datasheet HTML 8Page - Allegro MicroSystems 3968_03 Datasheet HTML 9Page - Allegro MicroSystems 3968_03 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3968
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
WITH BRAKE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Load Current Regulation. Due to internal logic and
switching delays (td), the actual load current peak may be
slightly higher than the ITRIP value. These delays, plus the
blanking time, limit the minimum value the current control
circuitry can regulate. To produce zero current in a
winding, the INPUTA and INPUTB terminals should be
held high, turning off all output drivers for that H-bridge.
Logic Inputs. The direction of current in the motor
winding is determined by the state of the INPUTA and
INPUTB terminals of each bridge (see Truth Table). An
internally generated dead time (tcodt) of approximately
1.8 µs prevents cross-over current spikes that can occur
when switching the motor direction.
A logic high on both INPUTs turns off all four output
drivers of that H-bridge. This results in a fast current
decay through the internal ground clamp and flyback
diodes.
The appropriate INPUTA or INPUTB can be pulse-
width modulated for applications that require a fast cur-
rent-decay PWM. The internal current-control logic can
be disabled by connecting the RTCT terminal to ground.
A logic low on the INPUTA and the INPUTB terminals
will place that H-Bridge in the brake mode. Both source
drivers are turned OFF and both sink drivers are turned
ON. This has the effect of shorting the dc motor’s back-
EMF voltage, resulting in a current flow that dynamically
brakes the motor.
Note that during braking the internal current-control
circuitry is disabled. Therefore, care should be taken to
ensure that the motor’s current does not exceed the abso-
lute maximum rating of the A3968.
The REFERENCE input voltage is typically set with a
resistor divider from VCC. This reference voltage is
internally divided down by 4 to set up the current-com-
parator trip-voltage threshold. The reference input voltage
range is 0 to 2 V.
Output Drivers. To minimize on-chip power dissipa-
tion, the sink drivers incorporate a Satlington structure.
The Satlington output combines the low VCE(sat) features
of a saturated transistor and the high peak-current capa-
bility of a Darlington (connected) transistor. A graph
showing typical output saturation voltages as a function
of output current is on the next page.
Miscellaneous Information. Thermal protection
circuitry turns off all output drivers should the junction
temperature reach +165°C (typical). This is intended
only to protect the device from failures due to excessive
junction temperatures and should not imply that output
short circuits are permitted. Normal operation is resumed
when the junction temperature has decreased about 15°C.
The A3968 current control employs a fixed-fre-
quency, variable duty cycle PWM technique. If the duty
cycle exceeds 50%, the current-control-regulation fre-
quency may change.
To minimize current-sensing inaccuracies caused by
ground trace IR drops, each current-sensing resistor
should have a separate return to the ground terminal of
the device. For low-value sense resistors, the I x R drops
in the printed-wiring board can be significant and should
be taken into account. The use of sockets should be
avoided as their contact resistance can cause variations in
the effective value of RS.
The LOAD SUPPLY terminal, VBB, should be
decoupled with an electrolytic capacitor (47 µF recom-
mended) placed as close to the device as physically
practical. To minimize the effect of system ground I x R
drops on the logic and reference input signals, the system
ground should have a low-resistance return to the load
supply voltage.
The frequency of the clock oscillator will determine
the amount of ripple current. A lower frequency will
result in higher current ripple, but reduced heating in the
motor and driver IC due to a corresponding decrease in
hysteretic core losses and switching losses respectively.
A higher frequency will reduce ripple current, but will
increase switching losses and EMI.
FUNCTIONAL DESCRIPTION (continued)


Similar Part No. - 3968_03

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3968922 FESTO-3968922 Datasheet
98Kb / 2P
   Pinch valve
11/26/21
3968923 FESTO-3968923 Datasheet
98Kb / 2P
   Pinch valve
11/26/21
3968924 FESTO-3968924 Datasheet
97Kb / 2P
   Pinch valve
11/26/21
3968925 FESTO-3968925 Datasheet
97Kb / 2P
   Pinch valve
11/26/21
3968926 FESTO-3968926 Datasheet
99Kb / 2P
   Pinch valve
11/26/21
More results

Similar Description - 3968_03

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3968 ALLEGRO-3968 Datasheet
140Kb / 12P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
September 3, 1999
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com