Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

3968 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part No. 3968
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3968 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3968_03 Datasheet HTML 2Page - Allegro MicroSystems 3968_03 Datasheet HTML 3Page - Allegro MicroSystems 3968_03 Datasheet HTML 4Page - Allegro MicroSystems 3968_03 Datasheet HTML 5Page - Allegro MicroSystems 3968_03 Datasheet HTML 6Page - Allegro MicroSystems 3968_03 Datasheet HTML 7Page - Allegro MicroSystems 3968_03 Datasheet HTML 8Page - Allegro MicroSystems 3968_03 Datasheet HTML 9Page - Allegro MicroSystems 3968_03 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3968
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
WITH BRAKE
www.allegromicro.com
TYPICAL APPLICATION
Typical output saturation
voltages showing Satlington
sink-driver operation.
200
Dwg. GP-064-1A
0
0
7
0
0
4
300
OUTPUT CURRENT IN MILLIAMPERES
2.0
1.0
0
0.5
1.5
2.5
500
600
TA = +25°C
SOURCE DRIVER
SINK DRIVER
+5 V
Dwg. EP-047-6
INPUT2A
INPUT2B
47 μF
+24 V
INPUT1A
INPUT1B
0.5 Ω
+5 V
0.5 Ω
LOGIC
LOGIC
1
2
3
14
15
16
6
0
1
7
11
9
8
RC
4
5
V
REF
13
12
V
BB
V
CC
V
BB
MOTOR 1
MOTOR 2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
L6219 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Unisonic Technologies
A3969 Dual Full-Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
3974_1 DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3964_00 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
3966_03 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
2916_07 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
2919_06 DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
A1441_06 Low-Voltage Full-Bridge Brushless DC Motor Driver with Hall Element Commutation 1  2  3  4  Allegro MicroSystems
3953_05 FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn