Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

3968 Datasheet(HTML) 1 Page - Allegro MicroSystems

Part No. 3968
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

3968 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3968_03 Datasheet HTML 1Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
3968
DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
The A3968SA and A3968SLB are designed to bidirectionally control two
dc motors. Each device includes two H-bridges capable of continuous output
currents of ±650 mA and operating voltages to 30 V. Motor winding current
can be controlled by the internal fixed-frequency, pulse-width modulated
(PWM), current-control circuitry. The peak load current limit is set by the
user’s selection of a reference voltage and current-sensing resistors. Except
for package style and pinout, the two devices are identical.
The fixed-frequency pulse duration is set by a user-selected external RC
timing network. The capacitor in the RC timing network also determines a
user-selectable blanking window that prevents false triggering of the PWM
current-control circuitry during switching transitions.
To reduce on-chip power dissipation, the H-bridge power outputs have
been optimized for low saturation voltages. The sink drivers feature the
Allegro® patented Satlington® output structure. The Satlington outputs
combine the low voltage drop of a saturated transistor and the high peak
current capability of a Darlington.
For each bridge, the INPUTA and INPUTB terminals determine the load
current polarity by enabling the appropriate source and sink driver pair. When
a logic low is applied to both INPUTs of a bridge, the braking function is
enabled. In brake mode, both source drivers are turned OFF and both sink
drivers are turned ON, thereby dynamically braking the motor. When a logic
high is applied to both INPUTs of a bridge, all output drivers are disabled.
Special power-up sequencing is not required. Internal circuit protection
includes thermal shutdown with hysteresis, ground-clamp and flyback diodes,
and crossover-current protection.
The A3968SA is supplied in a 16-pin dual in-line plastic package. The
A3968SLB is supplied in a 16-pin plastic SOIC with copper heat sink tabs.
The power tab is at ground potential and needs no electrical isolation. The LB
package is available in a lead (Pb) free version (100% matte tin leadframe).
A3968SLB (SOIC)
FEATURES
■ ±650 mA Continuous Output Current
■ 30 V Output Voltage Rating
■ Internal Fixed-Frequency PWM Current Control
■ Satlington Sink Drivers
■ Brake Mode
■ User-Selectable Blanking Window
■ Internal Ground-Clamp & Flyback Diodes
■ Internal Thermal-Shutdown Circuitry
■ Crossover-Current Protection and UVLO Protection
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB ................... 30 V
Output Current, IOUT (peak) .......... ±750 mA
(continuous) .............................. ±650 mA
Logic Supply Voltage, VCC ................. 7.0 V
Input Voltage, Vin ..... -0.3 V to VCC + 0.3 V
Sense Voltage, VS................................ 1.0 V
Package Power Dissipation (TA = 25°C), PD
A3968SA ..................................... 1.8 W*
A3968SLB ................................... 1.4 W*
Operating Temperature Range,
TA ................................... -20°C to +85°C
Junction Temperature,
TJ ................................................. +150°C
Storage Temperature Range,
TS ................................. -55°C to +150°C
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction temperature
of 150°C.
* Per SEMI G42-88 Specification, Thermal Test
Board Standardization for Measuring Junction-
to-Ambient Thermal Resistance of Semiconductor
Packages.
LOGIC
LOGIC
OUT1B
1
2
3
14
15
16
GROUND
Dwg. PP-066
6
710
11
89
GROUND
OUT1A
INPUT1A
OUT2A
RC
SENSE 1
INPUT1B
4
5
LOAD
SUPPLY
REFERENCE
INPUT2A
INPUT2B
SENSE2
OUT 2B
LOGIC
SUPPLY
RC
V
REF
13
12
V
BB
V
CC
V
BB
Part Number
Pb-free*
R
θJA
(°C/W)
R
θJT
(°C/W)
Package
Packing
A3968SLB-T
Yes
90
6
16-Lead SOIC
47 per tube
A3968SLBTR-T
Yes
90
6
16-Lead SOIC
1000 per reel
*Pb-based variants are being phased out of the product line. The variants cited in this
footnote are in production but have been determined to be LAST TIME BUY. This
classification indicates that sale of this device is currently restricted to existing customer
applications. The variants should not be purchased for new design applications because
obsolescence in the near future is probable. Samples are no longer available. Status
change: October 31, 2006. Deadline for receipt fo LAST TIME BUY orders: April 27, 2007.
These variants include: A3968SA, A3968SLB, and A3968SLBTR.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L6219DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreUnisonic Technologies
A3969Dual Full-Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
3974_1DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
3964_00DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
3966_03DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
2916_07DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
2919_06DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
A1441_06Low-Voltage Full-Bridge Brushless DC Motor Driver with Hall Element Commutation 1 2 3 4 Allegro MicroSystems
3953_05FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn