Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT-155B2H1AH Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # OPT-155B2H1AH
Description  155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

OPT-155B2H1AH Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  OPT-155B2H1AH Datasheet HTML 1Page - Delta Electronics, Inc. OPT-155B2H1AH Datasheet HTML 2Page - Delta Electronics, Inc. OPT-155B2H1AH Datasheet HTML 3Page - Delta Electronics, Inc. OPT-155B2H1AH Datasheet HTML 4Page - Delta Electronics, Inc. OPT-155B2H1AH Datasheet HTML 5Page - Delta Electronics, Inc. OPT-155B2H1AH Datasheet HTML 6Page - Delta Electronics, Inc. OPT-155B2H1AH Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OPT-155Bxxxx
DELTA ELECTRONICS, INC.
http://www.deltaww.com
4
Nov., 2006
Rev.:0G
Pin Definition:
PIN
Symbol
Functional description
1
GND
Receiver Signal Ground
2
RD (+)
Receiver Data Out (LVPECL or PECL)
3
RD (-)
Receiver Data Out Bar (LVPECL or PECL)
4
SD
Receiver Signal Detect (LVPECL、PECL)
5
VccR
Receiver Power Supply
6
VccT
Transmitter Power Supply
7
TD (-)
Transmitter Data In Bar (LVPECL or PECL)
8
TD (+)
Transmitter Data In (LVPECL or PECL)
9
GND
Transmitter Signal Ground
Pin Descriptions:
Pin 1 Receiver Signal Ground, GND
Directly connect these pins to the ground plane.
Pin 2 Receiver Data Out (LVPECL), RD (+)
PECL logic family. Output external biased and internal dc coupled.
Pin 3 Receiver Data Out Bar (LVPECL), RD (-)
PECL logic family. Output external biased and internal dc coupled.
Pin 4 Receiver Signal Detect (LVPECL), SD
PECL logic family. Normal Operation: Logic “1” Output.
Fault Condition: Logic”0” Output.
Pin 5 Receiver Power Supply, VccR
Provide +3.3V dc power supply.
Pin 6 Transmitter Power Supply, VccT
Provide +3.3V dc power supply.
Pin 7 Transmitter Data In Bar (LVPECL), TD (-)
Pin 7 Transmitter Data Input (LVPECL), TD (-).
Pin 8 Transmitter Data In (LVPECL), TD (+)
Pin 8 Transmitter Data Input Bar (LVPECL), TD (+).
Pin 9 Transmitter Signal Ground, GND
Directly connect these pins to the ground plane.


Similar Part No. - OPT-155B2H1AH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
OPT-155B2H DELTA-OPT-155B2H Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

Similar Description - OPT-155B2H1AH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2J1RA DELTA-LC-155B2J1RA Datasheet
169Kb / 8P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23836-C18-C63 INFINEON-V23836-C18-C63 Datasheet
298Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
2004-02-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com