Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT-1250B1F1A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # OPT-1250B1F1A
Description  RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

OPT-1250B1F1A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  OPT-1250B1F1A Datasheet HTML 1Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 2Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 3Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 4Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 5Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 6Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 7Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 8Page - Delta Electronics, Inc. OPT-1250B1F1A Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OPT-1250xxxx Series
DELTA ELECTRONICS, INC.
1
Sep., 2006
Rev. 0G
www.deltaww.com
RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for
Gigabit Ethernet
Features
Industry Standard 1 x 9 Footprint and duplex SC
Connector interface
Compliant with Specifications for IEEE 802.3z Gigabit
Ethernet
OPT-1250Bxxx compliant with the 1.0625GBd Fibre
Channel 100-SM-LC-L FC-PI Rev.13
OPT-1250Axxx compliant with the 1.0625GBd Fibre
Channel FC-PI 100-M5-SN-I Rev.13
Single +3.3V or 5V Power Supply
PECL or TTL Receiver Signal Detect Indicator
Wave Solderable and Aqueous Washable
Laser Class 1 Product which comply with the
requirements of IEC 60825-1 and IEC 60825-2
Description
The OPT-1250xxxx series from DELTA is a 1X9
transceiver module designed expressly for high-speed
communication applications that require rates of up to
1.25Gbit/sec. It is compliant with the Gigabit Ethernet
standards as well as 1x Fiber channel standards.
The OPT-1250xxxx transceivers are provided with the
SC receptacle that is compatible with the industry
standard SC connector.
The post-amplifier of the OPT-1250xxxx also includes
a Signal Detect circuit that provides a PECL or TTL
logic-Low output when an unusable optical signal
level is detected. (see order information)
The OPT-1250xxxx transceiver is a Class 1 eye
safety product. The optical power levels, under normal
operation, are at eye safe level.
Applications
Gigabit Ethernet/Fast Ethernet
Switched backplane applications
Performance
OPT-1250AxFxx:
850nm VCSEL, up to 500m in 50/125μm MMF
850nm VCSEL, up to 220m in 62.5/125μm MMF
OPT-1250B2I1x:
1310nm FP laser, Data Link up to 5km in 9/125um
SMF
OPT-1250BxQxx:
1310nm FP laser, Data Link up to 10km in 9/125um
SMF
1310nm FP laser, up to 550m in 50/125μm MMF
1310nm FP laser, up to 550m in 62.5/125μm MMF


Similar Part No. - OPT-1250B1F1A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
OPT-155A1H1 DELTA-OPT-155A1H1 Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A1H1A ETC-OPT-155A1H1A Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Delta Electronics, Inc.
OPT-155A1H1A DELTA-OPT-155A1H1A Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1AH DELTA-OPT-155A1H1AH Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1AT DELTA-OPT-155A1H1AT Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

Similar Description - OPT-1250B1F1A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Finisar Corporation.
V23836-C18-R363 FINISAR-V23836-C18-R363 Datasheet
216Kb / 13P
   1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
logo
Delta Electronics, Inc.
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
Infineon Technologies A...
V23806-A34-C2 INFINEON-V23806-A34-C2 Datasheet
131Kb / 5P
   Single Mode FDDI 1x9 Transceiver with SC Receptacle
MARCH 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com