Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3123 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3123
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3123 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3123 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3123/23A/24
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
3123.2005.12.1.4
1
ChargePump
General Description
The AAT3123/23A/24 is a low noise, constant fre-
quency charge pump DC/DC converter that uses a
dual mode load switch (1X) and fractional (1.5X)
conversion to maximize efficiency for white LED
applications. The device can be used to produce
current levels up to 20mA to drive up to six LEDs
from a 2.7V to 5.5V input. Outputs may be operat-
ed individually or paralleled for driving higher-cur-
rent LEDs. A low external parts count (two 1
µF fly-
ing capacitors and two small 1
µF capacitors at V
IN
and OUT) make the AAT3123/23A/24 ideally suited
for small battery-powered applications.
AnalogicTech’s Simple Serial Control™ (S
2Cwire™)
interface is used to enable, disable, and set the
LED drive current with a 32-level logarithmic scale
LED brightness control. The AAT3123/23A/24 has a
thermal management system to protect the device
in the event of a short-circuit condition at the output
pin. Built-in soft-start circuitry prevents excessive
inrush current during start-up. A high charge pump
switching frequency enables the use of very small
external capacitors. A low-current shutdown feature
disconnects the load from V
IN and reduces quies-
cent current to less than 1
µA. The device also inte-
grates a test current/auto-disable feature for each
channel. The AAT3123/23A is available in a very
small, Pb-free 12-pin TSOPJW package. The six
output AAT3124 is available in a Pb-free 16-pin
4x4mm QFN package.
Features
•V
IN Range: 2.7V to 5.5V
Dual Mode 1X and 1.5X Charge Pump for
Maximum Efficiency
Drives Low-V
F and High-VF Type LEDs
Up to Six 20mA Outputs (AAT3124)
Up to Four 20mA Outputs (AAT3123/23A)
32-Position Logarithmic Scale with Digital
Control
Simple Serial Control (S
2Cwire) Interface
Low Noise Constant Frequency Operation
1MHz Switching Frequency
Small Application Circuit
Regulated Output Current
Automatic Soft Start
No Inductors
•I
Q <1µA in Shutdown
Temperature Range: -40°C to +85°C
12-Pin TSOPJW Package (AAT3123/23A)
16-Pin 4x4mm QFN Package (AAT3124)
Applications
Color (RGB) Lighting
Programmable Current Source
White LED Backlighting
White Photo Flash for DSCs
Typical Application
CIN
1
µF
VBATTERY
COUT
1
µF
EN/SET
C1
1
µF
C2
1
µF
D6
D5
D4
D3
VIN
VOUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3124
D5
D6
D2
D1


Similar Part No. - AAT3123

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123A ANALOGICTECH-AAT3123A Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123AITP-20-T1 ANALOGICTECH-AAT3123AITP-20-T1 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123ITP-20-T1 ETC-AAT3123ITP-20-T1 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3123

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123_08 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com