Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CL-VD Datasheet(PDF) 17 Page - Realtek Semiconductor Corp.

Part # RTL8201CL-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CL-VD Datasheet(HTML) 17 Page - Realtek Semiconductor Corp.

Back Button RTL8201CL-VD Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 21Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
RTL8201CL
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
11
Track ID: JATR-1076-21 Rev. 1.24
Address
Name
Description
Mode
Default
5:10
RXFC
1: RX flow control is supported by Link partner
0: RX flow control not supported by Link partner
RO
0
5:9
T4
1: 100Base-T4 is supported by link partner
0: 100Base-T4 not supported by link partner
RO
0
5:8
TXFD
1: 100Base-TX full duplex is supported by link partner
0: 100Base-TX full duplex not supported by link partner
RO
0
5:7
100BASE-TX
1: 100Base-TX is supported by link partner
0: 100Base-TX not supported by link partner
This bit will also be set if the link in 100Base is established by
parallel detection.
RO
0
5:6
10FD
1: 10Base-T full duplex is supported by link partner
0: 10Base-T full duplex not supported by link partner
RO
0
5:5
10Base-T
1: 10Base-T is supported by link partner
0: 10Base-T not supported by link partner
This bit will also be set if the link in 10Base-T is established by
parallel detection.
RO
0
5:4~0
Selector
Link Partner’s binary encoded node selector Currently only
CSMA/CD 00001 is specified
RO
00000
6.7. Register 6 Auto-Negotiation Expansion Register (ANER)
This register contains additional status for NWay auto-negotiation.
Table 15. Register 6 Auto-Negotiation Expansion Register (ANER)
Address
Name
Description
Mode
Default
6:15~5
Reserved
This bit is permanently set to 0.
6:4
MLF
Indicates whether a multiple link fault has occurred.
1: Fault occurred
0: No fault occurred
RO
0
6:3
LP_NP_ABLE Indicates whether the link partner supports Next Page negotiation.
1: Supported
0: Not supported
RO
0
6:2
NP_ABLE
This bit indicates whether the local node is able to send additional
Next Pages. Internal use only.
RO
0
6:1
PAGE_RX
This bit is set when a new Link Code Word Page has been
received. It is automatically cleared when the auto-negotiation
link partner’s ability register (register 5) is read by management.
RO
0
6:0
LP_NW_ABLE 1: Link partner supports NWay auto-negotiation.
RO
0
www.DataSheet4U.net


Similar Part No. - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com