Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CL-VD Datasheet(PDF) 20 Page - Realtek Semiconductor Corp.

Part # RTL8201CL-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CL-VD Datasheet(HTML) 20 Page - Realtek Semiconductor Corp.

Back Button RTL8201CL-VD Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 24Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
RTL8201CL
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
14
Track ID: JATR-1076-21 Rev. 1.24
7. Functional Description
The RTL8201CL PHYceiver is a physical layer device that integrates 10Base-T and
100Base-TX/100Base-FX functions, and some extra power management features into a 48-pin single chip
that is used in 10/100 Fast Ethernet applications. This device supports the following functions:
• MII interface with MDC/MDIO SMI management interface to communicate with MAC
• IEEE 802.3u clause 28 Auto-Negotiation ability
• Flow control ability support to cooperate with MAC
• Speed, duplex, auto-negotiation ability configurable by hard wire or MDC/MDIO
• Flexible LED configuration
• 7-wire SNI (Serial Network Interface) support (only in 10Mbps mode)
• Power Down mode support
• 4B/5B transform
• Scrambling/De-scrambling
• NRZ to NRZI, NRZI to MLT-3
• Manchester Encode and Decode for 10Base-T operation
• Clock and Data recovery
• Adaptive Equalization
• Far End Fault Indication (FEFI) in fiber mode
7.1. MII and Management Interface
7.1.1.
Data Transition
To set the RTL8201CL for MII mode operation, pull the MII/SNIB pin high and set the ANE, SPEED,
and DUPLEX pins.
The MII (Media Independent Interface) is an 18-signal interface (as described in IEEE 802.3u) supplying
a standard interface between the PHY and MAC layer. This interface operates at two frequencies –
25Mhz and 2.5Mhz to support 100Mbps/10Mbps bandwidth for both transmit and receive functions.
Transmission
The MAC asserts the TXEN signal. It then changes byte data into 4-bit nibbles and passes them to the
PHY via TXD[0..3]. The PHY will sample TXD[0..3] synchronously with TXC — the transmit clock
signal supplied by PHY – during the interval TXEN is asserted.
Reception
The PHY asserts the RXEN signal. It passes the received nibble data RXD[0..3] clocked by RXC. CRS
and COL signals are used for collision detection and handling.
In 100Base-TX mode, when the decoded signal in 5B is not IDLE, the CRS signal will assert. When 5B is
recognized as IDLE it will be de-asserted. In 10Base-T mode, CRS will assert when the 10M preamble
has been confirmed and will be de-asserted when the IDLE pattern has been confirmed.
www.DataSheet4U.net


Similar Part No. - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com