Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT541BPWE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ABT541BPWE4
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT541BPWE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ABT541BPWE4 Datasheet HTML 1Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 2Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 3Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 4Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 5Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 6Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 7Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 8Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
OE1
O 2
E
A1
Y1
To Seven Other Channels
1
19
18
2
OE1
OE2
A1
1
Y1
18
A2
2
Y2
17
A3
3
Y3
16
A4
4
Y4
15
A5
5
Y5
14
A6
6
Y6
13
A7
7
Y7
12
A8
8
9
19
Y8
11
1
&
EN
SN54ABT541, SN74ABT541B
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS093L – DECEMBER 1993 – REVISED DECEMBER 2006
The 3-state control gate is a two-input AND gate with active-low inputs so that if either output-enable (OE1 or
OE2) input is high, all eight outputs are in the high-impedance state.
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT541 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN74ABT541B is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
Y
OE1
OE2
A
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
LOGIC SYMBOL
(1)
LOGIC DIAGRAM (POSITIVE LOGIC)
(1)
This
symbol
is
in
accordance
with
ANSI/IEEE
Std
91-1984
and
IEC
Publication 617-12.
2
Submit Documentation Feedback


Similar Part No. - SN74ABT541BPWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT541BPWE4 TI-SN74ABT541BPWE4 Datasheet
662Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT541BPWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com