Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MSK0002RH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

Part No. MSK0002RH
Description  RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSK [M.S. Kennedy Corporation]
Homepage  http://www.mskennedy.com
Logo 

MSK0002RH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
The MSK 0002RH is a general purpose current amplifier. It is the industry wide RAD tolerant replacement for the
LH0002. The device is ideal for use with an operational amplifier in a closed loop configuration to increase current
output. The MSK 0002RH is designed with a symmetrical output stage that provides low output impedances to both
the positive and negative portions of output pulses. The MSK 0002RH is packaged in a hermetic 8 lead low profile
T0-5 header and is specified over the full military temperature range.
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
0002RH
FEATURES:
Total Dose Tested to 300 Krads (Si)
RAD Tolerant LH0002 Replacement
High Input Impedance-180K
Ω Min
Low Output Impedance-10
Ω Max
Low Harmonic Distortion
DC to 30 MHz Bandwidth
Slew Rate is Typically 400 V/µS
Operating Range from±5V to ±20V
Contact MSK for MIL-PRF-38534 Qualification Status and Appendix G (Radiation Status)
DESCRIPTION:
EQUIVALENT SCHEMATIC
E4
V2-
V1-
Input
1
2
3
4
V1+
V2+
E3
Output
5
6
7
8
PIN-OUT INFORMATION
High Speed D/A Conversion
30MHz Buffer
Line Driver
Precision Current Source
TYPICAL APPLICATIONS
MIL-PRF-38534 CERTIFIED
Rev. A
4/07
1
RAD TOLERANT,
HIGH SPEED,
BUFFER AMPLIFIER


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn