Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U643B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U643B
Description  Flasher, 30-mohm Shunt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U643B Datasheet(HTML) 9 Page - ATMEL Corporation

  U643B_05 Datasheet HTML 1Page - ATMEL Corporation U643B_05 Datasheet HTML 2Page - ATMEL Corporation U643B_05 Datasheet HTML 3Page - ATMEL Corporation U643B_05 Datasheet HTML 4Page - ATMEL Corporation U643B_05 Datasheet HTML 5Page - ATMEL Corporation U643B_05 Datasheet HTML 6Page - ATMEL Corporation U643B_05 Datasheet HTML 7Page - ATMEL Corporation U643B_05 Datasheet HTML 8Page - ATMEL Corporation U643B_05 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Printed on recycled paper.
4727B–AUTO–09/05
© Atmel Corporation 2005. All rights reserved. Atmel
®, logo and combinations thereof, Everywhere You Are® and others, are registered trade-
marks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any
intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL’S TERMS AND CONDI-
TIONS OF SALE LOCATED ON ATMEL’S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY
WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDEN-
TAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT
OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no
representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications
and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided
otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel’s products are not intended, authorized, or warranted for use
as components in applications intended to support or sustain life.
Atmel Corporation
Atmel Operations
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 487-2600
Regional Headquarters
Europe
Atmel Sarl
Route des Arsenaux 41
Case Postale 80
CH-1705 Fribourg
Switzerland
Tel: (41) 26-426-5555
Fax: (41) 26-426-5500
Asia
Room 1219
Chinachem Golden Plaza
77 Mody Road Tsimshatsui
East Kowloon
Hong Kong
Tel: (852) 2721-9778
Fax: (852) 2722-1369
Japan
9F, Tonetsu Shinkawa Bldg.
1-24-8 Shinkawa
Chuo-ku, Tokyo 104-0033
Japan
Tel: (81) 3-3523-3551
Fax: (81) 3-3523-7581
Memory
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
Microcontrollers
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
La Chantrerie
BP 70602
44306 Nantes Cedex 3, France
Tel: (33) 2-40-18-18-18
Fax: (33) 2-40-18-19-60
ASIC/ASSP/Smart Cards
Zone Industrielle
13106 Rousset Cedex, France
Tel: (33) 4-42-53-60-00
Fax: (33) 4-42-53-60-01
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906, USA
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Scottish Enterprise Technology Park
Maxwell Building
East Kilbride G75 0QR, Scotland
Tel: (44) 1355-803-000
Fax: (44) 1355-242-743
RF/Automotive
Theresienstrasse 2
Postfach 3535
74025 Heilbronn, Germany
Tel: (49) 71-31-67-0
Fax: (49) 71-31-67-2340
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906, USA
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Biometrics/Imaging/Hi-Rel MPU/
High Speed Converters/RF Datacom
Avenue de Rochepleine
BP 123
38521 Saint-Egreve Cedex, France
Tel: (33) 4-76-58-30-00
Fax: (33) 4-76-58-34-80
Literature Requests
www.atmel.com/literature


Similar Part No. - U643B_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U643B-FP ATMEL-U643B-FP Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
More results

Similar Description - U643B_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U643B ATMEL-U643B Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U2043B ATMEL-U2043B Datasheet
201Kb / 10P
   Flasher, 30 mOHM Shunt, Pilot Lamp to GND or VBatt
logo
TEMIC Semiconductors
U2043B TEMIC-U2043B Datasheet
132Kb / 6P
   Flasher, 30-mohm Shunt, Pilot Lamp to GND or V Batt
logo
ATMEL Corporation
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
   Low-power Flasher IC with 18-mOHM Shunt
logo
Unisonic Technologies
UU6043B UTC-UU6043B Datasheet
149Kb / 4P
   FLASHER IC WITH 18m廓 SHUNT
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B Datasheet
169Kb / 8P
   FLASHER, 18-M SHUNT, FREQUENCY DOUBLING DISABLING
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com