Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-3V0 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZX55-3V0
Description  Voltage regulator diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX55-3V0 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZX55-3V0 Datasheet HTML 1Page - NXP Semiconductors BZX55-3V0 Datasheet HTML 2Page - NXP Semiconductors BZX55-3V0 Datasheet HTML 3Page - NXP Semiconductors BZX55-3V0 Datasheet HTML 4Page - NXP Semiconductors BZX55-3V0 Datasheet HTML 5Page - NXP Semiconductors BZX55-3V0 Datasheet HTML 6Page - NXP Semiconductors BZX55-3V0 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Note
1. For BZX55-C2V4 up to C36 IZ = 1 mA; for C39 up to C75 IZ = 0.5 mA.
22
20.8
23.3
220
55
18.7
5
60
0.1
2
16.5
1.25
24
22.8
25.6
220
80
20.4
5
55
0.1
2
18.0
1.25
27
25.1
28.9
220
80
22.9
5
50
0.1
2
20.25
1.0
30
28.0
32.0
220
80
27.0
5
50
0.1
2
22.25
1.0
33
31.0
35.0
220
80
29.7
5
45
0.1
2
24.75
0.9
36
34.0
38.0
220
80
32.4
5
45
0.1
2
27.0
0.8
39
37.0
41.0
500
90
35.1
2.5
45
0.1
2
29.25
0.7
43
40.0
46.0
600
90
38.7
2.5
40
0.1
2
32.25
0.6
47
44.0
50.0
700
110
44.0
2.5
40
0.1
2
35.25
0.5
51
48.0
54.0
700
125
49.0
2.5
40
0.1
2
38.25
0.4
56
52.0
60.0
1000
135
55.0
2.5
40
0.1
2
42.0
0.3
62
58.0
66.0
1000
150
62.0
2.5
35
0.1
2
46.5
0.3
68
64.0
72.0
1000
200
70.0
2.5
35
0.1
2
51.0
0.25
75
70.0
79.0
1500
250
78.0
2.5
35
0.1
2
56.25
0.2
BZX55-
CXXX
WORKING
VOLTAGE
VZ (V)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest
see Figs 5 and 6
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR =0V
REVERSE CURRENT at
REVERSE VOLTAGE
IR (µA)
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs;
Tamb =25 °C
at
IZ
at
IZtest
at
Tj =25 °C
at
Tj = 150 °C
VR
(V)
MIN.
MAX.
MAX.
MAX.
TYP.
MAX.
MAX.
MAX.
MAX.


Similar Part No. - BZX55-3V0

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZX55-B0V8 GOOD-ARK-BZX55-B0V8 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B10 GOOD-ARK-BZX55-B10 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B100 GOOD-ARK-BZX55-B100 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B11 GOOD-ARK-BZX55-B11 Datasheet
316Kb / 7P
   Zener Diodes
BZX55-B110 GOOD-ARK-BZX55-B110 Datasheet
316Kb / 7P
   Zener Diodes
More results

Similar Description - BZX55-3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com