Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM431DCN Datasheet(PDF) 2 Page - Champion Microelectronic Corp.

Part # CM431DCN
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431DCN Datasheet(HTML) 2 Page - Champion Microelectronic Corp.

  CM431DCN Datasheet HTML 1Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 2Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 3Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 4Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 5Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 6Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 7Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 8Page - Champion Microelectronic Corp. CM431DCN Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CM431
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev.1.4
Champion Microelectronic Corporation
Page 2
TYPICAL APPLICATION
BLOCK DIAGRAM
5V Precision Regulator
+
-
ORDERING INFORMATION
PACKAGE
TOLERANCE
0.5%
0.7%
1.0%
T/R Quantity
SOT-23
P
1
P
CM431ACM233
CM431DCM233
CM431BCM233
TR=3K
SOT-23
P
1
P
CM431ACM2R3
CM431DCM2R3
CM431BCM2R3
TR=3K
SOT-89
P
1
P
CM431ACM89
CM431DCM89
CM431BCM89
TR=1K
TO-92
P
2
P
CM431ACN
CM431DCN
CM431BCN
TA=2K
SOP-8
CM431ACS
CM431DCS
CM431BCS
SOT-23
P
1
P
CM431GACM233*
CM431GDCM233*
CM431GBCM233*
TR=3K
SOT-23
P
1
P
CM431GACM2R3*
CM431GDCM2R3*
CM431GBCM2R3*
TR=3K
SOT-89
P
1
P
CM431GACM89*
CM431GDCM89*
CM431GBCM89*
TR=1K
TO-92
P
2
P
CM431GACN*
CM431GDCN*
CM431GBCN*
TA=2K
SOP-8
CM431GACS*
CM431GDCS*
CM431GBCS*
Notes:
(1) Add suffix
″TR″for Tape & Reel.
(2) Add suffix
″TA″for Tape Ammo.
(3) *Note: Add suffix “G” for Pb Free Product
CATHODE
ANODE
REF
V
B
REFB
R2
27.5K
0.1%
R1
27.5K
0.1%
R
B
bB
V+
V
B
OB = 5V
Note: R
B
bB should
provide cathode
current
≥ 1mA


Similar Part No. - CM431DCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431DCN ETC-CM431DCN Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - CM431DCN

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com