Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT-1250B1I2RH Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # OPT-1250B1I2RH
Description  RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

OPT-1250B1I2RH Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  OPT-1250B1I2RH Datasheet HTML 1Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 2Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 3Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 4Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 5Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 6Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 7Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 8Page - Delta Electronics, Inc. OPT-1250B1I2RH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
OPT-1250xxxx Series
DELTA ELECTRONICS, INC.
4
Sep., 2006
Rev. 0G
www.deltaww.com
Multi-Mode Series Transceiver (OPT-1250A1F1x, OPT-1250A2F2x, OPT-1250A4F1x)
(At recommended ambient operating temperature, TA and supply voltage, VCC; Data Rate=1.25Gb/sec,
PRBS=2
7-1 NRZ, 62.5/125um MMF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
PO
-9.5
-4
dBm
Optical Extinction Ratio
ER
9
dB
Center Wavelength
λC
830
850
860
nm
Spectral Width (RMS)
σ
0.85
nm
Optical Rise/Fall time
tr/tf
0.26
ns
1
Relative Intensity Noise
RIN
-117
dB/Hz
Output Eye
Complies with the IEEE 802.3z/D2 specification, and is class 1
laser eye safety
Receiver
Sensitivity (Avg.)
PIN
-17
dBm
2
Input Optical Wavelength
λ
850
nm
Signal Detect-Asserted (Avg.)
PA
-17
dBm
Signal Detect-De-asserted (Avg.)
PD
-30
dBm
Signal Detect-Hysteresis
PA-PD
0.5
dB
Receiver saturation power
PSAT
-4
dBm
Notes:
8.
These are 20%~80% values
9.
The sensitivity is provided at a BER of 1×10
-10 or better with an input signal consisting of
1250Mb/s, 2
7-1 PRBS.
Mask of the eye diagram for the optical transmit signal


Similar Part No. - OPT-1250B1I2RH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
OPT-155A1H1 DELTA-OPT-155A1H1 Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A1H1A ETC-OPT-155A1H1A Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Delta Electronics, Inc.
OPT-155A1H1A DELTA-OPT-155A1H1A Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1AH DELTA-OPT-155A1H1AH Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1AT DELTA-OPT-155A1H1AT Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

Similar Description - OPT-1250B1I2RH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Finisar Corporation.
V23836-C18-R363 FINISAR-V23836-C18-R363 Datasheet
216Kb / 13P
   1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
logo
Delta Electronics, Inc.
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
Infineon Technologies A...
V23806-A34-C2 INFINEON-V23806-A34-C2 Datasheet
131Kb / 5P
   Single Mode FDDI 1x9 Transceiver with SC Receptacle
MARCH 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com