Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX99-C3V3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZX99-C3V3
Description  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX99-C3V3 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZX99-C3V3 Datasheet HTML 1Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 2Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 3Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 4Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 5Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 6Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 7Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Oct 20
5
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX99 series
GRAPHICAL DATA
handbook, full pagewidth
−2.5
0
−1
−0.5
−2
−1.5
MGL741
10
Sz
(mV/K)
Iz (µA)
102
103
C2V4
C3V0
C3V3
C3V6
C3V9
C4V3
C4V7
Fig.2 Temperature coefficient as a function of working current; typical values.
Tj =25to150 °C.
Fig.3
Temperature coefficient as a function of
working current; typical values.
Tj =25to150 °C.
handbook, halfpage
12
0
−4
8
4
MGL742
10
Iz (µA)
Sz
(mV/K)
102
103
C5V1
C6V8
C6V2
C5V6
C8V2
C10
C12
C15
Fig.4
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
0.6
1.0
300
100
0
200
MBG781
0.8
VF (V)
IF
(mA)
Tj =25 °C.


Similar Part No. - BZX99-C3V3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
BZX90B75 PFS-BZX90B75 Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Semtech Corporation
BZX97 SEMTECH-BZX97 Datasheet
193Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX97 GOOD-ARK-BZX97 Datasheet
27Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Semtech Corporation
BZX97/C10 SEMTECH-BZX97/C10 Datasheet
193Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX99-C3V3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com